Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTL0353PS-R3 Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # CTL0353PS-R3
Description  P-Channel Enhancement MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTL0353PS-R3 Datasheet(HTML) 2 Page - CT Micro International Corporation

  CTL0353PS-R3 Datasheet HTML 1Page - CT Micro International Corporation CTL0353PS-R3 Datasheet HTML 2Page - CT Micro International Corporation CTL0353PS-R3 Datasheet HTML 3Page - CT Micro International Corporation CTL0353PS-R3 Datasheet HTML 4Page - CT Micro International Corporation CTL0353PS-R3 Datasheet HTML 5Page - CT Micro International Corporation CTL0353PS-R3 Datasheet HTML 6Page - CT Micro International Corporation CTL0353PS-R3 Datasheet HTML 7Page - CT Micro International Corporation CTL0353PS-R3 Datasheet HTML 8Page - CT Micro International Corporation CTL0353PS-R3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 2
Nov, 2013
CTL0353PS-R3
P-Channel Enhancement MOSFET
Absolute Maximum Rating at 25oC
Symbol
Parameters
Test Conditions
Min
Notes
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Source Voltage
±20
V
ID
Continuous Drain Current
-3.0
A
1
IDM
Pulsed Drain Current
-12
A
1
PD
Total Power Dissipation
1.04
W
2
TSTG
Storage Temperature Range
-55 to 150
°C
TJ
Operating Junction Temperature Range
-55 to 150
°C
Thermal Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
RӨJA4
Thermal Resistance
Junction-Ambient (t=10s)
--
120
--
oC /W
1,4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com