Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTL0383NS-R3 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CTL0383NS-R3
Description  N-Channel Enhancement MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTL0383NS-R3 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CTL0383NS-R3 Datasheet HTML 1Page - CT Micro International Corporation CTL0383NS-R3 Datasheet HTML 2Page - CT Micro International Corporation CTL0383NS-R3 Datasheet HTML 3Page - CT Micro International Corporation CTL0383NS-R3 Datasheet HTML 4Page - CT Micro International Corporation CTL0383NS-R3 Datasheet HTML 5Page - CT Micro International Corporation CTL0383NS-R3 Datasheet HTML 6Page - CT Micro International Corporation CTL0383NS-R3 Datasheet HTML 7Page - CT Micro International Corporation CTL0383NS-R3 Datasheet HTML 8Page - CT Micro International Corporation CTL0383NS-R3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 1
Nov, 2013
CTL0383NS-R3
N-Channel Enhancement MOSFET
Package Outline
Schematic
Features
Drain-Source Breakdown Voltage VDSS
30 V
Drain-Source On-Resistance
RDS(ON) 48m
, at V
GS
= 10V, ID= 3.4A
RDS(ON) 54m
, at V
GS
= 4.5V, ID= 2.7A
RDS(ON) 75m
, at V
GS
= 2.5V, ID= 1.0A
Continuous Drain Current at TC=25℃ ID = 3.8A
Advanced high cell density Trench Technology
RoHS Compliance & Halogen Free
Applications
Power Management
Lithium Ion Battery
Description
The CTL0383NS-R3 is the N-Channel logic enhancement
mode power field effect transistors are produced using
high cell density, DMOS trench technology. This high
density process is especially tailored to minimize on-state
resistance. These devices are particularly suited for low
voltage application such as cellular phone and notebook
computer power management and other battery powered
circuits where low in-line power loss are needed in a very
small outline surface mount package.
Gate
Source
Drain
Gate
Drain
Source


Similar Part No. - CTL0383NS-R3

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTL0302PS-R3 CTMICRO-CTL0302PS-R3 Datasheet
1Mb / 11P
P-Channel Enhancement MOSFET
CTL0322PS-R3 CTMICRO-CTL0322PS-R3 Datasheet
789Kb / 11P
P-Channel Enhancement MOSFET
CTL0343NS-R3 CTMICRO-CTL0343NS-R3 Datasheet
1Mb / 11P
N-Channel Enhancement MOSFET
CTL0353PS-R3 CTMICRO-CTL0353PS-R3 Datasheet
896Kb / 11P
P-Channel Enhancement MOSFET
CTL0372PS-R3 CTMICRO-CTL0372PS-R3 Datasheet
543Kb / 11P
P-Channel Enhancement MOSFET
More results

Similar Description - CTL0383NS-R3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com