Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTL0502NS-R3 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CTL0502NS-R3
Description  N-Channel Enhancement MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTL0502NS-R3 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CTL0502NS-R3 Datasheet HTML 1Page - CT Micro International Corporation CTL0502NS-R3 Datasheet HTML 2Page - CT Micro International Corporation CTL0502NS-R3 Datasheet HTML 3Page - CT Micro International Corporation CTL0502NS-R3 Datasheet HTML 4Page - CT Micro International Corporation CTL0502NS-R3 Datasheet HTML 5Page - CT Micro International Corporation CTL0502NS-R3 Datasheet HTML 6Page - CT Micro International Corporation CTL0502NS-R3 Datasheet HTML 7Page - CT Micro International Corporation CTL0502NS-R3 Datasheet HTML 8Page - CT Micro International Corporation CTL0502NS-R3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CT Micro
Rev 3
Proprietary & Confidential
Page 1
Jun, 2015
CTL0502NS-R3
N-Channel Enhancement MOSFET
Package Outline
Schematic
Features
••••
Drain-Source Breakdown Voltage VDSS 20 V
••••
Drain-Source On-Resistance
RDS(ON) 21m
Ω, at VGS= 4.5V, ID= 5.0A
RDS(ON) 24m
Ω, at VGS= 2.5V, ID= 3.5A
RDS(ON) 31m
Ω, at VGS= 1.8V, ID= 2.8A
••••
Continuous Drain Current at TA=25
℃,ID = 5.0A
••••
Advanced high cell density Trench Technology
••••
RoHS Compliance & Halogen Free
Applications
••••
Power Management
••••
Lithium Ion Battery
Description
The CTL0502NS-R3 uses high performance Trench
Technology to provide excellent RDS(ON) and low gate
charge which is suitable for most of the synchronous
buck converter applications.
Gate
Source
Drain
Gate
Drain
Source


Similar Part No. - CTL0502NS-R3

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CTL0503NS-R3 CTMICRO-CTL0503NS-R3 Datasheet
3Mb / 11P
N-Channel Enhancement MOSFET
More results

Similar Description - CTL0502NS-R3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com