Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLM17NS10-R3 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # CTLM17NS10-R3
Description  N-Channel Enhancement MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTLM17NS10-R3 Datasheet(HTML) 3 Page - CT Micro International Corporation

  CTLM17NS10-R3 Datasheet HTML 1Page - CT Micro International Corporation CTLM17NS10-R3 Datasheet HTML 2Page - CT Micro International Corporation CTLM17NS10-R3 Datasheet HTML 3Page - CT Micro International Corporation CTLM17NS10-R3 Datasheet HTML 4Page - CT Micro International Corporation CTLM17NS10-R3 Datasheet HTML 5Page - CT Micro International Corporation CTLM17NS10-R3 Datasheet HTML 6Page - CT Micro International Corporation CTLM17NS10-R3 Datasheet HTML 7Page - CT Micro International Corporation CTLM17NS10-R3 Datasheet HTML 8Page - CT Micro International Corporation CTLM17NS10-R3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 3
Jun, 2015
CTLM17NS10-R3
N-Channel Enhancement MOSFET
Electrical Characteristics T
A = 25°C (unless otherwise specified)
Static Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
BVDSS
Drain-Source Breakdown Voltage
VGS= 0V, ID= 250µA
100
-
-
V
IDSS
Drain-Source Leakage Current
VDS = 100V, VGS = 0V
-
-
1
µA
IGSS
Gate-Source Leakage Current
VGS =
±20V, VDS = 0V
-
-
±100
nA
On Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
RDS(ON)
Drain-Source On-Resistance
VGS = 10V, ID = 100mA
-
3
6
3
VGS = 4.5V, ID =100mA
-
3
10
VGS(th)
Gate-Source Threshold Voltage
VGS = VDS, I ID =250µA
0.8
---
2.8
V
3
Dynamic Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
CISS
Input Capacitance
VGS =0V,
-
42.5
-
pF
COSS
Output Capacitance
VDS =25V
-
14
-
CRSS
Reverse Transfer Capacitance
f=1MHz
-
3
-
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
TD(ON)
Turn-On Delay Time
VDS =30V ,
RL= 107 ,
VGS = 10V,
RG = 50
-
5.5
-
ns
TR
Rise Time
-
21.7
-
TD(OFF)
Turn-Off Delay Time
-
5.3
-
TF
Fall Time
-
6.4
-
QG
Total Gate Charge
VDS =10V ,
-
6.3
-
nC
QGS
Gate-Source Charge
VGS = 10V,
-
1.6
-
QGD
Gate-Drain Charge
ID = 0.22A
-
0.7
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com