Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTLM43NS20-R3 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CTLM43NS20-R3
Description  N-Channel Enhancement MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTLM43NS20-R3 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CTLM43NS20-R3 Datasheet HTML 1Page - CT Micro International Corporation CTLM43NS20-R3 Datasheet HTML 2Page - CT Micro International Corporation CTLM43NS20-R3 Datasheet HTML 3Page - CT Micro International Corporation CTLM43NS20-R3 Datasheet HTML 4Page - CT Micro International Corporation CTLM43NS20-R3 Datasheet HTML 5Page - CT Micro International Corporation CTLM43NS20-R3 Datasheet HTML 6Page - CT Micro International Corporation CTLM43NS20-R3 Datasheet HTML 7Page - CT Micro International Corporation CTLM43NS20-R3 Datasheet HTML 8Page - CT Micro International Corporation CTLM43NS20-R3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 1
Jun, 2015
CTLM43NS20-R3
N-Channel Enhancement MOSFET
Package Outline
Schematic
Features
••••
Drain-Source Breakdown Voltage VDSS 200 V
••••
Drain-Source On-Resistance
RDS(ON) 3.6
Ω, at VGS= 10V, ID= 430mA
RDS(ON) 3.7
Ω, at VGS= 4.5V, ID= 425mA
••••
Continuous Drain Current at TA=25
℃ID =0.43A
••••
Advanced high cell density Trench Technology
••••
RoHS Compliance & Halogen Free
Applications
••••
Power Management
••••
LCD Display inverter
••••
DC/DC Converter
••••
Load Switch
Description
The CTLM43NS20-R3 is the N-Channel logic
enhancement mode power field effect transistors are
produced using high cell density, DMOS trench
technology. This high density process is especially
tailored to minimize on-state resistance.
Gate
Source
Drain
Gate
Drain
Source


Similar Part No. - CTLM43NS20-R3

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLM1034-M832D CENTRAL-CTLM1034-M832D Datasheet
241Kb / 2P
MULTI DISCRETE MODULE ??SURFACE MOUNT LOW VCE (SAT) SILICON NPN TRANSISTOR AND LOW VF SILICON SCHOTTKY RECTIFIER
CTLM1034-M832D CENTRAL-CTLM1034-M832D_10 Datasheet
479Kb / 2P
SURFACE MOUNT SILICON LOW VCE(SAT) NPN TRANSISTOR AND LOW VF SCHOTTKY RECTIFIER
CTLM1034-M832D CENTRAL-CTLM1034-M832D_15 Datasheet
479Kb / 2P
SCHOTTKY RECTIFIER
CTLM1074-M832D CENTRAL-CTLM1074-M832D Datasheet
241Kb / 2P
MULTI DISCRETE MODULE ??SURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY RECTIFIER
CTLM1074-M832D CENTRAL-CTLM1074-M832D_10 Datasheet
479Kb / 2P
SURFACE MOUNT SILICON LOW VCE(SAT) PNP TRANSISTOR AND LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - CTLM43NS20-R3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com