Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTM453VT1 Datasheet(PDF) 4 Page - CT Micro International Corporation

Part # CTM453VT1
Description  5 Pin Mini-Flat 1 Mbit/s High Speed Transistor Coupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTM453VT1 Datasheet(HTML) 4 Page - CT Micro International Corporation

  CTM453VT1 Datasheet HTML 1Page - CT Micro International Corporation CTM453VT1 Datasheet HTML 2Page - CT Micro International Corporation CTM453VT1 Datasheet HTML 3Page - CT Micro International Corporation CTM453VT1 Datasheet HTML 4Page - CT Micro International Corporation CTM453VT1 Datasheet HTML 5Page - CT Micro International Corporation CTM453VT1 Datasheet HTML 6Page - CT Micro International Corporation CTM453VT1 Datasheet HTML 7Page - CT Micro International Corporation CTM453VT1 Datasheet HTML 8Page - CT Micro International Corporation CTM453VT1 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CT Micro
Rev.1
Proprietary & Confidential
Page 4
May, 2015
CTM452, CTM453
5 Pin Mini-Flat
1 Mbit/s High Speed Transistor Coupler
Electrical Characteristics
TA = 0 - 70°C (unless otherwise specified). Typical values are measured at TA = 250C and VCC=5V
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
CTR
Current Transfer Ratio
IF=16mA, VO=0.4V,
VCC=4.5V, TA=25°C
20
-
50
%
IF=16mA, VO=0.5V,
VCC=4.5V
15
-
-
VOL
Logic Low Output Voltage
IF=16mA, IO=3mA, VCC=4.5V,
TA=25°C
-
-
0.4
V
IF=16mA, IO=2.4mA,
VCC=4.5V
-
-
0.5
Electrical Characteristics
TA = 0 - 70°C (unless otherwise specified). Typical values are measured at TA = 250C and VCC=5V
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
TPHL
Propagation Delay Time Logic High
to Logic Low
IF=16mA, RL=1.9K ,
TA=25°C
-
0.35
0.8
µs
IF=16mA, RL=1.9K
-
-
1.0
TPLH
Propagation Delay Time Logic Low
to Logic High
IF=16mA, RL=1.9K ,
TA=25°C
-
0.3
0.8
µs
IF=16mA, RL=1.9K
-
-
1.0
CMH
Common Mode
Transient Immunity at
Logic High
CTM452
IF = 0mA , VCM=10Vp-p,
RL=1.9K , TA =25°C
5,000
-
-
V/µs
CTM453
IF = 0mA , VCM=1500Vp-p,
RL=1.9K , TA =25°C
15,000
-
CML
Common Mode
Transient Immunity at
Logic Low
CTM452
IF = 16mA , VCM=10Vp-p,
RL=1.9K , TA=25°C
5,000
-
-
V/µs
CTM453
IF = 16mA , VCM=1500Vp-p,
RL=1.9K , TA=25°C
15,000
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com