Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTM601VT1 Datasheet(PDF) 1 Page - CT Micro International Corporation

Part # CTM601VT1
Description  10Mbit/s 5-Pin Mini-Flat Logic Gate Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTM601VT1 Datasheet(HTML) 1 Page - CT Micro International Corporation

  CTM601VT1 Datasheet HTML 1Page - CT Micro International Corporation CTM601VT1 Datasheet HTML 2Page - CT Micro International Corporation CTM601VT1 Datasheet HTML 3Page - CT Micro International Corporation CTM601VT1 Datasheet HTML 4Page - CT Micro International Corporation CTM601VT1 Datasheet HTML 5Page - CT Micro International Corporation CTM601VT1 Datasheet HTML 6Page - CT Micro International Corporation CTM601VT1 Datasheet HTML 7Page - CT Micro International Corporation CTM601VT1 Datasheet HTML 8Page - CT Micro International Corporation CTM601VT1 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 1
Nov, 2015
CTM600, CTM601, CTM611
10Mbit/s 5-Pin Mini-Flat Logic Gate Optocoupler
Features
•
•
•
•
High speed 10MBit/s
•
•
•
•
High isolation voltage between input and output
(Viso=3750 Vrms )
•
•
•
•
Guaranteed CTR performance from 0°C to 70°C
•
•
•
•
Wide operating temperature range of -40°C to
85°C
•
•
•
•
Green Package
•
•
•
•
Regulatory Approvals
UL - UL1577 (E364000)
VDE - EN60747-5-5(VDE0884-5)
CQC – GB4943.1, GB8898
IEC60065, IEC60950
Package Outline
Schematic
Note: Different bending options available. See package
dimension.
Description
The CTM600, CTM601, and CTM611 optocouplers
consist of an AlGaAS LED, optically coupled to a
very high speed integrated photo-detector logic gate
with a strobe able output. The output of the detect IC
is a high speed logic gate integrated with a photo
detector. The switching parameters are guaranteed
over the temperature range of -40°C to +85°C. A
maximum input signal of 5mA will provide a minimum
output sink current of 13mA (fan out of 8).
Applications
•
•
•
•
Line receivers
•
•
•
•
Telecommunication equipment
•
•
•
•
High speed logic ground isolation
•
•
•
•
Feedback loop in switch-mode power supplies
•
•
•
•
Home appliances


Similar Part No. - CTM601VT1

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
CTM MSYSTEM-CTM Datasheet
65Kb / 1P
CT PROTECTOR
logo
BlockMaster Electronics...
CTM BLOCKMASTER-ELECTRONICS-CTM Datasheet
159Kb / 1P
This specification applies to – CBFXX0R8- Plug
CBFXX0R8
CTM BLOCKMASTER-ELECTRONICS-CTM Datasheet
160Kb / 1P
This specification applies to – CBFXX0R9- Plug
6/11/2017
CTM BLOCKMASTER-ELECTRONICS-CTM Datasheet
163Kb / 1P
This specification applies to – CBFXX0RT- Plug
CBFXX0RT
logo
Merrimac Industries, In...
CTM-10-12GSQ MERRIMAC-CTM-10-12GSQ Datasheet
121Kb / 1P
DIRECTIONAL COUPLERS
More results

Similar Description - CTM601VT1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCL2630 ETC-MCL2630 Datasheet
252Kb / 4P
DUAL 10MBIT/S LOGIC GATE
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137 Datasheet
1Mb / 15P
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
EL06XX EVERLIGHT-EL06XX Datasheet
436Kb / 14P
8 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE
EL26XX EVERLIGHT-EL26XX Datasheet
1Mb / 15P
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE
logo
CT Micro International ...
6N137 CTMICRO-6N137 Datasheet
1Mb / 16P
10MBit/s High Speed Logic Gate Optocoupler
CT2601 CTMICRO-CT2601 Datasheet
1Mb / 16P
10MBit/s High Speed Logic Gate Optocoupler
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137_13 Datasheet
1Mb / 15P
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
May 13, 2013
ELM6XX EVERLIGHT-ELM6XX_13 Datasheet
593Kb / 13P
5 PIN SOP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
May 13, 2013
logo
CT Micro International ...
CTS600 CTMICRO-CTS600 Datasheet
1Mb / 13P
SDIP-6 10Mbit/s High Speed Logic Gate Optocoupler
CTW137 CTMICRO-CTW137 Datasheet
1Mb / 15P
9mm, 10MBit/s Logic Gate Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com