Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTM3053VT1 Datasheet(PDF) 7 Page - CT Micro International Corporation

Part # CTM3053VT1
Description  600V Random Phase 4-Pin Mini-Flat Phototriac Optocoupler
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTM3053VT1 Datasheet(HTML) 7 Page - CT Micro International Corporation

Back Button CTM3053VT1 Datasheet HTML 2Page - CT Micro International Corporation CTM3053VT1 Datasheet HTML 3Page - CT Micro International Corporation CTM3053VT1 Datasheet HTML 4Page - CT Micro International Corporation CTM3053VT1 Datasheet HTML 5Page - CT Micro International Corporation CTM3053VT1 Datasheet HTML 6Page - CT Micro International Corporation CTM3053VT1 Datasheet HTML 7Page - CT Micro International Corporation CTM3053VT1 Datasheet HTML 8Page - CT Micro International Corporation CTM3053VT1 Datasheet HTML 9Page - CT Micro International Corporation CTM3053VT1 Datasheet HTML 10Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 7
Mar, 2015
CTM3051, CTM3052, CTM3053
600V Random Phase 4-Pin Mini-Flat Phototriac Optocoupler
Marking Information
Note:
CT
: Denotes “CT Micro”
3053
: Product Number
V
: VDE Option
Y
: Fiscal Year
WW
: Work Week
K
: Manufacturing Code
Ordering Information
CTM30XX(V)(Z)
XX = Part No. (XX=51, 52 or 53)
V = VDE Option ( V or None)
Z
= Tape and reel option (T1 or T2)
Option
Description
Quantity
T1
Surface Mount Lead Forming – With Option 1 Taping
3000 Units/Reel
T2
Surface Mount Lead Forming – With Option 2 Taping
3000 Units/Reel
CT
3053
VYWWK



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com