Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTM600VT2 Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # CTM600VT2
Description  10Mbit/s 5-Pin Mini-Flat Logic Gate Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTM600VT2 Datasheet(HTML) 3 Page - CT Micro International Corporation

  CTM600VT2 Datasheet HTML 1Page - CT Micro International Corporation CTM600VT2 Datasheet HTML 2Page - CT Micro International Corporation CTM600VT2 Datasheet HTML 3Page - CT Micro International Corporation CTM600VT2 Datasheet HTML 4Page - CT Micro International Corporation CTM600VT2 Datasheet HTML 5Page - CT Micro International Corporation CTM600VT2 Datasheet HTML 6Page - CT Micro International Corporation CTM600VT2 Datasheet HTML 7Page - CT Micro International Corporation CTM600VT2 Datasheet HTML 8Page - CT Micro International Corporation CTM600VT2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 3
Nov, 2015
CTM600, CTM601, CTM611
10Mbit/s 5-Pin Mini-Flat Logic Gate Optocoupler
Electrical Characteristics
TA = 0 - 70°C (unless otherwise specified). Typical values are measured at TA = 250C and VCC=5V
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF = 10mA
-
1.4
1.6
V
VR
Reverse Voltage
IR = 5µA
5.0
-
-
V
VF/ TA
Temperature coefficient of forward
voltage
IF =10mA
-
-1.6
-
mV/°C
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
ICCL
Logic Low Supply Current
IF=10mA, VO=Open, VCC=5V
-
9
13
mA
ICCH
Logic High Supply Current
IF=0mA, VO=Open, VCC=5V
-
6
9
mA
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
IOH
Logic High Output Current
IF=250uA, VO= 5.5V,
2
100
uA
IFT
Input Threshold Current
VCC=5.5V, VO=0.6V,
IO=13mA
-
3.3
5
mA
VOL
Logic Low Output Voltage
IF=5mA, IO=13mA, VCC=5.5V,
-
0.35
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com