Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTM601VT2 Datasheet(PDF) 4 Page - CT Micro International Corporation

Part # CTM601VT2
Description  10Mbit/s 5-Pin Mini-Flat Logic Gate Optocoupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

CTM601VT2 Datasheet(HTML) 4 Page - CT Micro International Corporation

  CTM601VT2 Datasheet HTML 1Page - CT Micro International Corporation CTM601VT2 Datasheet HTML 2Page - CT Micro International Corporation CTM601VT2 Datasheet HTML 3Page - CT Micro International Corporation CTM601VT2 Datasheet HTML 4Page - CT Micro International Corporation CTM601VT2 Datasheet HTML 5Page - CT Micro International Corporation CTM601VT2 Datasheet HTML 6Page - CT Micro International Corporation CTM601VT2 Datasheet HTML 7Page - CT Micro International Corporation CTM601VT2 Datasheet HTML 8Page - CT Micro International Corporation CTM601VT2 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 4
Nov, 2015
CTM600, CTM601, CTM611
10Mbit/s 5-Pin Mini-Flat Logic Gate Optocoupler
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
TPHL
Propagation Delay Time Logic
High to Logic Low
CL=15pF,RL=350
-
40
75
ns
TPLH
Propagation Delay Time Logic
Low to Logic High
-
35
75
ns
Tr
Output Rise Time
-
40
-
ns
Tf
Output Fall Time
-
10
-
ns
CMH
Common Mode
Transient Immunity
at Logic High
CTM600
IF = 7.5mA , VOH=2.0V,
RL=350 , TA=25°C,
VCM=10Vp-p
-
-
-
V/µs
CTM601
IF = 7.5mA , VOH=2.0V,
RL=350 , TA=25°C,
VCM=50Vp-p
5000
-
-
CTM611
IF = 7.5mA , VOH=2.0V,
RL=350 , TA=25°C,
VCM=1000Vp-p
20000
-
-
CML
Common Mode
Transient Immunity
at Logic Low
CTM600
IF = 0mA , VOL=0.8V,
RL=350 , TA=25°C,
VCM=10Vp-p
-
-
-
V/µs
CTM601
IF = 0mA , VOL=0.8V,
RL=350 , TA=25°C,
VCM=50Vp-p
5000
-
-
CTM611
IF = 0mA , VOL=0.8V,
RL=350 , TA=25°C,
VCM=1000Vp-p
20000
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com