Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC428 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC428
Description  Dual Wideband, Low-Noise, Voltage Feedback Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC428 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC428 Datasheet HTML 1Page - National Semiconductor (TI) CLC428 Datasheet HTML 2Page - National Semiconductor (TI) CLC428 Datasheet HTML 3Page - National Semiconductor (TI) CLC428 Datasheet HTML 4Page - National Semiconductor (TI) CLC428 Datasheet HTML 5Page - National Semiconductor (TI) CLC428 Datasheet HTML 6Page - National Semiconductor (TI) CLC428 Datasheet HTML 7Page - National Semiconductor (TI) CLC428 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
CLC428 Electrical Characteristics (V
CC = ±5V; AV = +2V/V; Rf =100
Ω
Ω
Ω
Ω
Ω; R
g =100
Ω
Ω
Ω
Ω
Ω; R
L = 100
Ω
Ω
Ω
Ω
Ω; unless noted;
PARAMETERS
CONDITIONS
TYP
MIN/MAX RATINGS
UNITS
NOTES
Ambient Temperature
CLC428
+25°C
+25°C
0 to +70°C -40 to +85°C
FREQUENCY DOMAIN RESPONSE
gain bandwidth product
Vout < 0.5Vpp
135
100
80
70
MHz
-3dB bandwidth, Av=+1
V
out < 0.5Vpp
160
120
90
80
MHz
Av=+2
V
out < 0.5Vpp
80
50
40
35
MHz
Vout < 5.0Vpp
40
25
22
20
MHz
gain flatness
V
out < 0.5Vpp
peaking
DC to 200MHz
0.0
0.6
0.8
1.0
dB
rolloff
DC to 20MHz
0.05
0.5
0.7
0.7
dB
linear phase deviation
DC to 20MHz
0.2
1.0
1.5
1.5
°
TIME DOMAIN RESPONSE
rise and fall time
1V step
5.5
7.5
9.0
10.0
ns
settling time
2V step to 0.1%
16
20
24
24
ns
overshoot
1V step
1
5
10
10
%
slew rate
5V step
500
300
275
250
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
1V
pp,10MHz
- 62
- 50
- 45
- 43
dBc
3rd harmonic distortion
1Vpp,10MHz
- 72
- 60
- 56
- 56
dBc
equivalent input noise
voltage
1MHz to 100MHz
2.0
2.5
2.8
2.8
nV/
√Hz
current
1MHz to 100MHz
2.0
3.0
3.6
4.6
pA/
√Hz
crosstalk
input referred, 10MHz
- 62
- 58
- 58
- 58
dB
STATIC DC PERFORMANCE
open-loop gain
60
56
50
50
dB
input offset voltage
1.0
2.0
3.0
3.5
mV
A
average drift
5
---
15
20
µV/°C
input bias current
1.5
25
40
65
µAA
average drift
150
---
600
700
nA/
°C
input offset current
0.3
3
5
5
µA
average drift
5
---
25
50
nA/
°C
power supply rejection ratio
66
60
55
55
dB
common-mode rejection ratio
63
57
52
52
dB
supply current
per channel, R
L=
∞
11
12
13
15
mA
A
MISCELLANEOUS PERFORMANCE
input resistance
common-mode
500
250
125
125
k
Ω
differential-mode
200
50
25
25
k
Ω
input capacitance
common-mode
2.0
3.0
3.0
3.0
pF
differential-mode
2.0
3.0
3.0
3.0
pF
output resistance
closed loop
0.05
0.1
0.2
0.2
Ω
output voltage range
RL=
∞
± 3.8
± 3.5
± 3.3
± 3.3
V
RL=100
Ω
± 3.5
± 3.2
± 2.6
± 1.3
V
input voltage range
common mode
± 3.7
± 3.5
± 3.3
± 3.3
V
output current
± 70
± 50
± 40
± 20
mA
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Ordering Information
supply voltage
±7V
short circuit current
(note 1)
common-mode input voltage
±Vcc
differential input voltage
±10V
maximum junction temperature
+150°C
storage temperature
-65°C to+150°C
lead temperature (soldering 10 sec)
+300°C
Absolute Maximum Ratings
Model
Temperature Range
Description
CLC428AJP
-40°C to +85°C
8-pin PDIP
CLC428AJE
-40°C to +85°C
8-pin SOIC
CLC428A8B
-55°C to +125°C
8-pin CerDIP, MIL-STD-883
DESC SMD number: 5962-94708
http://www.national.com
2
Package
θ
jc
θ
jA
Plastic (AJP)
60°C/W
115°C/W
Surface Mount (AJE)
40°C/W
115°C/W
CerDIP
25°C/W
115°C/W
Package Thermal Resistance
Notes
A) J-level: spec is 100% tested at +25°C, sample tested at +85°C.
1) Output is short circuit protected to ground, however maximum
reliability is obtained if output current does not exceed 160mA.
Transistor count
104
Reliability Information



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com