Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBS0130 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBS0130
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBS0130 Datasheet(HTML) 1 Page - Comchip Technology

  CDBS0130 Datasheet HTML 1Page - Comchip Technology CDBS0130 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Io = 100mA
VR = 30 Volt s
CDBS0130
Features
Designed for mounting on small surface
Extremely thin package
Low stored charge
Majority carrier conduction
Mechanical data
Case: 0805(2012)Standard package,
molded plastic
Terminals: Solder plated, solderable per
MIL-STD-750, method 2026
Polarity: Indicated by cathode band.
Mounting position: Any.
Weight: 0.0048 gram. ( approximately)
SMD Schottky Barrier Diode
SMD Schottky Barrier Diode
Unit
V
uA
pF
Parameter
Forward voltage
Reverse current
Capacitance between terminals
Conditions
I F = 100 mA DC
VR = 30 V
f = 1MHz, and 10 VDC reverse voltage
Symbol
VF
IR
CT
Min Typ
10
Max
0.44
30
www.comchip.com.tw
COMCHIP
COMCHIP
Page 1
Parameter
Repetitive peak reverse voltage
Reverse voltage
Average forward current
Forward current , surge peak
Power Dissipation
Storage temperature
Junction temperature
Conditions
Symbol
VRRM
VR
Io
IFSM
PD
TSTG
T j
Min
-40
-40
Max
35
30
100
250
+125
+125
Typ
1000
Unit
V
V
mA
mA
mW
Maximum Rating ( at T A = 25
unless otherwise noted )
C
C
Electrical Characteristics ( at T A = 25
unless otherwise noted )
C
C
C
C
0.087(2.20)
0.079(2.00)
0.016(0.40) Typ
0.055(1.40)
0.047(1.20)
0.043 (1.10)
0.035(0.90)
0.008(R0.20) Typ.
Dimensions in inches and (millimeter)
0805(2012)
8.3 ms single half sine-wave superimposed
on rate load ( JEDEC method )
RDS0208007-C


Similar Part No. - CDBS0130

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBS0130 COMCHIP-CDBS0130 Datasheet
147Kb / 2P
SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130_1 Datasheet
147Kb / 2P
SMD Schottky Barrier Diode
More results

Similar Description - CDBS0130

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com