Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBN001A Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBN001A
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBN001A Datasheet(HTML) 1 Page - Comchip Technology

  CDBN001A Datasheet HTML 1Page - Comchip Technology CDBN001A Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Io = 100mA
VR = 30 Volt s
CDBN001A
Features
Designed for mounting on small surface
Extremely thin package
Low stored charge
Majority carrier conduction
Mechanical data
Case: 1206(3216) Standard package,
molded plastic
Terminals: Solder plated, solderable per
MIL-STD-750, method 2026
Polarity: Indicated by cathode band
Mounting position: Any
Weight: 0.0085 gram (approximately)
SMD Schottky Barrier Diode
SMD Schottky Barrier Diode
www.comchip.com.tw
COMCHIP
COMCHIP
Page 1
0.126(3.20)
0.118(3.00)
0.020(0.50) Typ.
0.063(1.60)
0.055(1.40)
0.043 (1.10)
0.035(0.90)
0.010(R0.25)Typ.
0.063(1.60)
0.055(1.40)
0.043 (1.10)
0.035(0.90)
Dimensions in inches and (millimeter)
1206 (3216)
Parameter
Repetitive peak reverse voltage
Average forward current
Forward current , surge peak
Capacitance between terminals
Power Dissipation
Storage temperature
Junction temperature
Conditions
Symbol
VRRM, VR
IO
IFSM
CT
PD
TSTG
T j
Min
-40
-40
Max
30
100
6
300
+125
+125
Unit
V
V
V
V
V
uA
Typ
1000
Parameter
Forward voltage 1
Forward voltage 2
Forward voltage 3
Forward voltage 4
Forward voltage 5
Reverse current
Conditions
IF = 0.1 mA DC
IF = 1 mA D C
IF = 10 m A DC
IF = 30 m A DC
IF = 100 mA DC
VR = 25 V
Symbol
VF
VF
VF
VF
Min Typ Max
0.24
0.32
0.40
0.50
1.00
2
Unit
C
C
8.3 ms single half sine-wave superimposed
on rate load ( JEDEC method )
F=1MHZ and 10 V DC reverse voltage
Maximum Rating ( at TA = 25
C unless otherwise noted )
V
mA
mA
pF
mW
Symbol
VRRM, VR
IO
IFSM
CT
PD
TSTG
T j
Electrical Characteristics ( at TA = 25 C unless otherwise noted )
VF
IR
RDS0208018-C


Similar Part No. - CDBN001A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBN00340 COMCHIP-CDBN00340 Datasheet
56Kb / 2P
SMD Schottky Barrier Diode
More results

Similar Description - CDBN001A

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com