Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBM24 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBM24
Description  SMD Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBM24 Datasheet(HTML) 1 Page - Comchip Technology

  CDBM24 Datasheet HTML 1Page - Comchip Technology CDBM24 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 20 - 100 Volts
Forward Current: 2.0 Amp
CDBM220 Thru CDBM2100
SMD Schottky Barrier Rectifier
SMD Schottky Barrier Rectifier
www.comchip.com.tw
COMCHIP
COMCHIP
Maximum Ratings and Electrical Characterics
MDS0211020A
Page 1
Features
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Exceeds environmental standard MIL-S-
19500/228
Low leakage current
Mechanical data
Case: Mini SMA/SOD-123 molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode
end
Mounting position: Any
Approx. Weight:0.04 gram
0.146(3.70)
0.012(0.30) Typ.
0.071(1.80)
0.055(1.40)
0.110(2.80)
0.094(2.40)
0.063(1.60)
0.055(1.40)
0.035(0.90) Typ.
0.035(0.90) Typ.
MINI SMA
Dimensions in inches and (millimeter)
0.161(4.10)
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 1.0 A
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=100
Typical. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
I R
R JA
R JL
T j
TSTG
Unit
V
V
V
A
A
V
mA
Note 1: Thermal resistance from junction to ambient and junction to to lead P.C.B. Mounted on 0.2 x 0.2 copper pad areas
CDBM220
CDBM2100
CDBM280
CDBM260
CDBM240
20
20
14
100
100
70
80
80
56
60
60
42
40
40
28
50
2.0
0.50
0.85
0.70
-55 to +125
85
20
0.5
-55 to +150
5
10
-55 to +150
/W
C
C
C
C
C


Similar Part No. - CDBM24

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM240-G COMCHIP-CDBM240-G Datasheet
653Kb / 2P
SMD Schottky Barrier Rectifiers
CDBM240-G COMCHIP-CDBM240-G Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBM240-HF COMCHIP-CDBM240-HF Datasheet
62Kb / 2P
SMD Schottky Barrier Rectifiers
CDBM240L-G COMCHIP-CDBM240L-G Datasheet
45Kb / 2P
Low VF SMD Schottky Barrier Rectifiers
CDBM240L-HF COMCHIP-CDBM240L-HF Datasheet
94Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBM24

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM120 COMCHIP-CDBM120 Datasheet
62Kb / 2P
SMD Schottky Barrier Rectifier
CDBC320 COMCHIP-CDBC320 Datasheet
64Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220 COMCHIP-CDBB220 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA5817 COMCHIP-CDBA5817 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA320L COMCHIP-CDBA320L Datasheet
148Kb / 3P
SMD Schottky Barrier Rectifier
CDBA120L COMCHIP-CDBA120L Datasheet
145Kb / 4P
SMD Schottky Barrier Rectifier
CDBA120 COMCHIP-CDBA120 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220L-G COMCHIP-CDBB220L-G Datasheet
104Kb / 2P
SMD Schottky Barrier Rectifier
logo
Formosa MS
FM10L45-T2 FORMOSA-FM10L45-T2 Datasheet
111Kb / 7P
SMD Schottky Barrier Rectifier
FM120-MS FORMOSA-FM120-MS Datasheet
64Kb / 7P
SMD Schottky Barrier Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com