Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBL180 Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBL180
Description  SMD Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBL180 Datasheet(HTML) 1 Page - Comchip Technology

  CDBL180 Datasheet HTML 1Page - Comchip Technology CDBL180 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Reverse Voltage: 20 - 100 Volts
Forward Current: 1.0 Amp
CDBL120 Thru CDBL1100
SMD Schottky Barrier Rectifier
SMD Schottky Barrier Rectifier
www.comchiptech.com
COMCHIP
COMCHIP
Maximum Ratings and Electrical Characterics
MDS0211007A
Page 1
Features
Ideal for surface mount applications
Easy pick and place
Plastic package has Underwriters Lab.
flammability classification 94V-0
Guard Ring Protection
Low Forward voltage and power loss for
high efficiency
Mechanical data
Case: DO-213AB molded plastic
Terminals: solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode
end
Mounting position: Any
Approx. Weight:0.116 gram
Parameter
Max. Repetitive Peak Reverse Voltage
Max. DC Blocking Voltage
Max. RMS Voltage
Peak Surge Forward Current
8.3ms single half sine-wave
superimposed on rate load
( JEDEC method )
Max. Average Forward Current
Max. Instantaneous Forward Current
at 1.0 A
Max. DC Reverse Current at Rated DC
Blocking Voltage
Ta=25
Ta=100
Max.l. Thermal Resistance (Note 1)
Operating Junction Temperature
Storage Temperature
Symbol
VRRM
VDC
VRMS
IFSM
I o
V F
I R
R JA
R JT
T j
TSTG
Unit
V
V
V
A
A
V
mA
Note 1: Thermal resistance from junction to ambient and junction to terminals.
CDBL120
CDBL1100
CDBL180
CDBL160
CDBL140
20
20
14
100
100
70
80
80
56
60
60
42
40
40
28
30
1.0
0.50
0.85
0.70
-55 to +125
75
35
0.5
-55 to +150
5
10
-55 to +150
/W
C
C
C
C
C
Dimensions in inches and (millimeters)
0.205(5.2)
0.195(4.8)
0.022(0.55)
Max.
0.105(2.67)
0.095(2.40)
DO-213AB (Plastic Melf)


Similar Part No. - CDBL180

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBL120L COMCHIP-CDBL120L Datasheet
70Kb / 2P
Low VF SMD Schottky Barrier Rectifier
CDBL120L-G COMCHIP-CDBL120L-G Datasheet
495Kb / 2P
Low VF SMD Schottky Barrier Rectifier
CDBL120L-G COMCHIP-CDBL120L-G Datasheet
547Kb / 2P
Low VF SMD Schottky Barrier Rectifiers
CDBL120L-G COMCHIP-CDBL120L-G_12 Datasheet
547Kb / 2P
Low VF SMD Schottky Barrier Rectifiers
CDBL140L COMCHIP-CDBL140L Datasheet
70Kb / 2P
Low VF SMD Schottky Barrier Rectifier
More results

Similar Description - CDBL180

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM120 COMCHIP-CDBM120 Datasheet
62Kb / 2P
SMD Schottky Barrier Rectifier
CDBC320 COMCHIP-CDBC320 Datasheet
64Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220 COMCHIP-CDBB220 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA5817 COMCHIP-CDBA5817 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA320L COMCHIP-CDBA320L Datasheet
148Kb / 3P
SMD Schottky Barrier Rectifier
CDBA120L COMCHIP-CDBA120L Datasheet
145Kb / 4P
SMD Schottky Barrier Rectifier
CDBA120 COMCHIP-CDBA120 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220L-G COMCHIP-CDBB220L-G Datasheet
104Kb / 2P
SMD Schottky Barrier Rectifier
logo
Formosa MS
FM10L45-T2 FORMOSA-FM10L45-T2 Datasheet
111Kb / 7P
SMD Schottky Barrier Rectifier
FM120-MS FORMOSA-FM120-MS Datasheet
64Kb / 7P
SMD Schottky Barrier Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com