Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC425AMC Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC425AMC
Description  Ultra Low Noise Wideband Op Amp
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC425AMC Datasheet(HTML) 8 Page - National Semiconductor (TI)

  CLC425AMC Datasheet HTML 1Page - National Semiconductor (TI) CLC425AMC Datasheet HTML 2Page - National Semiconductor (TI) CLC425AMC Datasheet HTML 3Page - National Semiconductor (TI) CLC425AMC Datasheet HTML 4Page - National Semiconductor (TI) CLC425AMC Datasheet HTML 5Page - National Semiconductor (TI) CLC425AMC Datasheet HTML 6Page - National Semiconductor (TI) CLC425AMC Datasheet HTML 7Page - National Semiconductor (TI) CLC425AMC Datasheet HTML 8Page - National Semiconductor (TI) CLC425AMC Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
20
Ω
200
Ω
600
Ω
50
Ω
50
Ω
40k
Ω
50k
Ω
180
Ω
20
Ω
10
Ω
Pi
Mini-Circuits
T16-6T
Po
Av=+10
Av=-3
806
Ω
50
Ω
1:4
CLC425
CLC404
0.1
µF
1pF
Gain = Po
Pi
= 35.6dB
Figure 14: Very Low Noise Figure Amplifier
Rf = 1k
Ω
R1 = 45.3
Ω
R = 681
Ω
Rg = 50
Ω
R2 = 200
Ω
Vo
Vin
CLC425
L = 0.1
µHC = 470pF
C1 = 2200pF
V
V
sC R
sC R
R
R
RR
sLR
s LCR R
sL R
R
R R
o
in
o
f
f
g
g
gg
g
K
=
+
+
() +
−
+


++
()+
11
11
2
22
2
1
1
VV
K
sR C
K
R
R
oin
o
a
o
f
g
≅= +
;1
R
RR
R
R
RR
b
a
f
g
a
||
,
≥>>
Rf
Rb
Ra
Rg
Vo
Vin
CLC425
R
C
50
Ω
50
Ω
Rf
Rg
CLC425
R1
R2
C2
C1
Figure 17: Low Noise Magnetic Media Equalizer
K
R
R
o
f
g
=+
1
Rf
Rb
Rg
CLC425
Vin
Vout
Cf
Figure 18: Equalizer Frequency Response
Low-Noise Phase-Locked Loop Filter
The CLC425 is extremely useful as a Phase-Locked
Loop filter in such applications as frequency synthesiz-
ers and data synchronizers. The circuit of Figure 19
implements one possible PLL filter with the CLC425.
Figure 19: Phased-Locked Loop Filter
Decreasing the Input Noise Voltage
The input noise voltage of the CLC425 can be reduced
from its already low 1.05nV/
√Hz by slightly increasing the
supply current. Using a 50k
Ω resistor to ground on pin 8,
as shown in the circuit of Figure 14, will increase the
quiescent current to
≈17mA and reduce the input noise
voltage to < 0.95nV/
√Hz.
Printed Circuit Board Layout
Generally, a good high-frequency layout will keep power
supply and ground traces away from the inverting input
and output pins. Parasitic capacitances on these nodes
to ground will cause frequency response peaking and
possible circuit oscillation, see OA-15 for more informa-
tion. National suggests the CLC730013-DIP,
CLC730027-SOIC, or CLC730068-SOT evaluation
board as a guide for high-frequency layout and as an aid
in device testing and characterization.
Low Noise Integrator
The CLC425 implements a deBoo integrator shown in
Figure 15. Integration linearity is maintained through
positive feedback. The CLC425's low input offset
voltage and matched inputs allowing bias current
cancellation provide for very precise integration. Stabil-
ity is maintained through the constraint on the circuit
elements.
Figure 15: Low Noise Integrator
High-Gain Sallen-Key Active Filters
The CLC425 is well suited for high-gain Sallen-Key type
of active filters. Figure 16 shows the 2nd order Sallen-Key
low pass filter topology. Using component predistortion
methods as discussed in OA-21 enables the proper
selection of components for these high-frequency filters.
Figure 16: Sallen-Key Active Filter Topology
Low Noise Magnetic Media Equalizer
The CLC425 implements a high-performance low-noise
equalizer for such applications as magnetic tape
channels as shown in Figure 17. The circuit combines an
integrator with a bandpass filter to produce the low-
noise equalization. The circuit's simulated frequency
response is illustrated in Figure 18.
http://www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com