Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPL3012-103ML_ Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # EPL3012-103ML_
Description  Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

EPL3012-103ML_ Datasheet(HTML) 2 Page - Coilcraft lnc.

  EPL3012-103ML_ Datasheet HTML 1Page - Coilcraft lnc. EPL3012-103ML_ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Shielded Power Inductors – EPL3012 Series
Document 692-2
L vs Current
L vs Frequency
0.1
1
10
100
0.01
0.1
10
1
Current (A)
1.0 µH
4.7 µH
1.8 µH
1.5 µH
10 µH
22 µH
3.3 µH
2.2 µH
0.106 ±0.008
2,69 ±0,20
0.030
0,77
±0.008
±0,20
0.082
2,08
0.126
3,2
0.044
1,12
min
typ
0.043
1,10
0.050
1,26
Recommended
Land Pattern
0.118 ±0.008
3,0 ±0,2
0.118 ±0.008
3,0 ±0,2
0.051
1,30
max
Start
Finish
Part Marking
1st
digit
significant
2nd
significant
digit
Multiplier
Dimensions are in
inches
mm
0.1
1
10
100
0.1
1
100
10
Frequency (MHz)
4.7 µH
10 µH
22 µH
1.8 µH
1.5 µH
1.0 µH
3.3 µH
2.2 µH
Small surface blemishes are not unusual and do
not adversely affect performance.
Wire may be visible inside the voids.
Acceptable void sizes:
Top: 0.01 in / 0,254 mm × 0.01 in / 0,254 mm
Sides: 0.02 in / 0,5 mm × 0.047 in / 1,2 mm
Part Marking
Part number
Value
1st digit
2nd digit
Multiplier
EPL3012-102
1.0 µH
Brown
Black
Red
EPL3012-152
1.5 µH
Brown
Green
Red
EPL3012-182
1.8 µH
Brown
Gray
Red
EPL3012-222
2.2 µH
Red
Red
Red
EPL3012-332
3.3 µH
Orange
Orange
Red
EPL3012-472
4.7 µH
Yellow
Violet
Red
EPL3012-103
10 µH
Brown
Black
Orange
EPL3012-223
22 µH
Red
Red
Orange
Note: All marked parts have three dots.Black dot, used only on the -102 and -103
as second significant digit, may be very difficult to see.
Document 692-2 Revised 09/08/15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com