Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBB220 Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBB220
Description  SMD Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBB220 Datasheet(HTML) 2 Page - Comchip Technology

  CDBB220 Datasheet HTML 1Page - Comchip Technology CDBB220 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rating and Characteristic Curevs (CDBB220 Thru CDBB2100)
Fig. 1 - Reverse Characteristics
Percent of Rated PeakReverse Voltage (%)
Fig. 4 - Current Derating Curve
0
1.2
2.4
160
20
40
60
80
100
120
140
www.comchip.com.tw
COMCHIP
COMCHIP
0
20
40
60
80
100
120
140
160
180
200
0.01
0.1
1.0
10
100
50
MDS0208010B
Page 2
Fig. 3 - Junction Capacitance
Reverse Voltage (V)
0
100
150
350
SMD Schottky Barrier Rectifier
SMD Schottky Barrier Rectifier
0.4
0.8
2.0
1.6
300
250
200
Fig. 5 - Non Repetitive Forward
Surge Current
0
10
20
50
40
30
1
5
10
50
1 00
Number of Cycles at 60Hz
1
100
10
0.1
0.01
Ambient Temperature ( C)
Tj=25 C
Tj=75 C
Tj=25 C
8.3mS Single Half Sine
Wave JEDEC methode
=1MHz and applied
4VDC reverse voltage
Forward Voltage (V)
Fig.2 - Forward Characteristics
0.1 0.3 0.5
0.7
0.9
1.1
1.3
1.5 1.7
1.9 2.1
1
100
10
0.1
0.01
1
100
10
0.1
0.01
Tj=25 C
Pulse width 300uS
4% duty cycle
CDBB220-240
CDBB260
CDBB280-2100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com