Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBB120 Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBB120
Description  SMD Schottky Barrier Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBB120 Datasheet(HTML) 2 Page - Comchip Technology

  CDBB120 Datasheet HTML 1Page - Comchip Technology CDBB120 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50
Rating and Characteristic Curves (CDBB120 Thru CDBB1100)
Fig. 1 - Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
Fig. 4 - Current Derating Curve
Ambient Temperature ( C)
0
0.6
1.2
160
20
40
60
80
100
120
140
www.comchip.com.tw
COMCHIP
COMCHIP
0
20
40
60
80
100
120
140
160
180
200
Forward Voltage (V)
Fig.2 - Forward Characteristics
0.1
1.0
10
100
MDS0211004A
Page 2
Fig. 3 - Junction Capacitance
Reverse Voltage (V)
0.1 0.3 0.5
0.7
0.9
1.1
1.3
1.5 1.7
1.9 2.1
1000
100
10
SMD Schottky Barrier Rectifier
SMD Schottky Barrier Rectifier
0.2
0.4
1.0
0.8
Fig. 5 - Non repetitive forward
surge current
0
10
20
40
30
1
5
10
50
1 00
Number of Cycles at 60Hz
1
100
10
0.1
0.01
1
100
10
0.1
0.01
Tj=75 C
Tj=25 C
Tj=25 C
Pulse width 300uS
4% duty cycle
Tj=25 C
8.3mS Single Half Sine
Wave JEDEC methode
CDBB180-1100
CDBB160
=1MHz and applied
4VDC reverse voltage
CDBB120-140



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com