Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBA320L Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBA320L
Description  SMD Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA320L Datasheet(HTML) 1 Page - Comchip Technology

  CDBA320L Datasheet HTML 1Page - Comchip Technology CDBA320L Datasheet HTML 2Page - Comchip Technology CDBA320L Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage: 20 - 40 Volts
Forward Current: 3.0 Amp
CDBA320L Thru CDBA340LL
Features
Ideal for surface mount applications
Easy pick and place
Built-in strain relief
Super low forward voltage drop
Mechanical data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Metallurgically bonded construction
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.063 grams
SMD Schottky Barrier Rectifier
SMD Schottky Barrier Rectifier
www.comchip.com.tw
COMCHIP
COMCHIP
Maximum Ratings and Electrical Characterics
MDS0209002A
Page 1
Dimensions in inches and (millimeters)
0.008(0.20)
0.004(0.10)
0.067(1.70)
0.051(1.29)
0.091(2.31)
0.067(1.70)
0.059(1.50)
0.035(0.89)
0.110(2.79)
0.086(2.18)
0.180(4.57)
0.160(4.06)
0.012(0.31)
0.006(0.15)
0.209(5.31)
0.185(4.70)
DO-214AC (SMA)
Note 1: Thermal resistance from junction to ambient and junction to to lead P.C.B. Mounted on 0.2 x 0.2 copper pad areas
TYPE NUMBER
CDBA320L CDBA320LL CDBA340L CDBA340LL
UNITS
Maximum Recurrent Peak Revers e Voltage
20
20
40
40
V
Maximum RMS Voltage
14
14
28
28
V
Maximum DC Blocking Voltage
20
20
40
40
V
Maximum Instantaneous Forward Voltage at 3.0A
0.42
0.38
0.45
0.4
V
Maximum DC Reverse Current
T a = 25°C
at Rated DC Blocking Voltage
Ta = 80°C
mA
Operating Temperature Range TJ
°C
Storage Temperature Range TSTG
°C
-25 to +80
-50 to +125
Rating 25 C ambient temperature unless otherwise specif ied. Single phase half wave, 60Hz, resistive or inductive load. For
capacitive load, derate current by 20%.
Peak Forward Surge Current, 8.3 ms single half sine-
wave superimposed on rated load (JEDEC method)
90
A
1.5
60
Maximum Average Forward Rectified Current
3.0
A


Similar Part No. - CDBA320L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA320L-G COMCHIP-CDBA320L-G Datasheet
47Kb / 2P
Low VF SMD Schottky Barrier Rectifiers
CDBA320L-HF COMCHIP-CDBA320L-HF Datasheet
97Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBA320LR-HF COMCHIP-CDBA320LR-HF Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBA320L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM120 COMCHIP-CDBM120 Datasheet
62Kb / 2P
SMD Schottky Barrier Rectifier
CDBC320 COMCHIP-CDBC320 Datasheet
64Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220 COMCHIP-CDBB220 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA5817 COMCHIP-CDBA5817 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA120L COMCHIP-CDBA120L Datasheet
145Kb / 4P
SMD Schottky Barrier Rectifier
CDBA120 COMCHIP-CDBA120 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220L-G COMCHIP-CDBB220L-G Datasheet
104Kb / 2P
SMD Schottky Barrier Rectifier
SS22-G COMCHIP-SS22-G Datasheet
111Kb / 2P
SMD Schottky Barrier Rectifier
logo
Formosa MS
FM10L45-T2 FORMOSA-FM10L45-T2 Datasheet
111Kb / 7P
SMD Schottky Barrier Rectifier
FM120-MS FORMOSA-FM120-MS Datasheet
64Kb / 7P
SMD Schottky Barrier Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com