Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBA220L Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBA220L
Description  SMD Schottky Barrier Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBA220L Datasheet(HTML) 1 Page - Comchip Technology

  CDBA220L Datasheet HTML 1Page - Comchip Technology CDBA220L Datasheet HTML 2Page - Comchip Technology CDBA220L Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Voltage: 20V ~ 40V
Forward Current: 2.0 Amp
CDBA220L thru CDBA240L
L
www.comchip.com.tw
COMCHIP
MDS0211003A
Page 1
Features
Ideal for surface mount applications
Easy pick and place
Built-in strain relief
Super low forward voltage drop
Mechanical Data
Case: Molded plastic
Epoxy: UL 94-0 rate flame retardant
Metallurgically bonded construction
Polarity: Color band denotes cathode end
Mounting position: Any
Weight: 0.063g
TYPE NUMBER
CDBA220L CDBA220LL
CDBA240L
CDBA240LL
UNITS
Maximum Recurrent Peak Reverse Voltage
20
20
40
40
V
Maximum RMS Voltage
14
14
28
28
V
Maximum DC Blocking Voltage
20
20
40
40
V
Maximum Instantaneous Forward Voltage at 3.0A
0.38
0.34
0.40
0.36
V
Maximum DC Reverse Current
Ta = 25°C
at Rated DC Blocking Voltage
Ta = 80°C
mA
Operating Temperature Range TJ
°C
Storage Temperature Range TSTG
°C
1.0
40
-25 to +80
Peak Forward Surge Current, 8.3 ms single half sine-
wave superimposed on rated load (JEDEC method)
-50 to +125
2.0
60
Maxium Ratings and Electrical Characteristics
Rating 25 ambient temperature unless otherwise specified
Single phase half wave, 60Hz, resistive or include load.
For capacitive load, derate current by 20%
A
A
Maximum Average Forward Rectified Current
0.008(0.20)
0.004(0.10)
0.067(1.70)
0.051(1.29)
0.091(2.31)
0.067(1.70)
0.059(1.50)
0.035(0.89)
0.110(2.79)
0.086(2.18)
0.180(4.57)
0.160(4.06)
0.012(0.31)
0.006(0.15)
0.209(5.31)
0.185(4.70)
DO-214AC (SMA)
SMD Schottky Barrier Rectifier


Similar Part No. - CDBA220L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA220L-G COMCHIP-CDBA220L-G Datasheet
683Kb / 2P
Low Vf SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
Low VF SMD Schottky Barrier Rectifiers
CDBA220LL-G COMCHIP-CDBA220LL-G Datasheet
683Kb / 2P
Low Vf SMD Schottky Barrier Rectifiers
CDBA220LL-HF COMCHIP-CDBA220LL-HF Datasheet
95Kb / 4P
Ultra Low VF SMD Schottky Barrier Rectifiers
CDBA220LR-H COMCHIP-CDBA220LR-H Datasheet
95Kb / 4P
Low VF Low IR SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBA220L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBM120 COMCHIP-CDBM120 Datasheet
62Kb / 2P
SMD Schottky Barrier Rectifier
CDBC320 COMCHIP-CDBC320 Datasheet
64Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220 COMCHIP-CDBB220 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA5817 COMCHIP-CDBA5817 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBA320L COMCHIP-CDBA320L Datasheet
148Kb / 3P
SMD Schottky Barrier Rectifier
CDBA120L COMCHIP-CDBA120L Datasheet
145Kb / 4P
SMD Schottky Barrier Rectifier
CDBA120 COMCHIP-CDBA120 Datasheet
67Kb / 2P
SMD Schottky Barrier Rectifier
CDBB220L-G COMCHIP-CDBB220L-G Datasheet
104Kb / 2P
SMD Schottky Barrier Rectifier
logo
Formosa MS
FM10L45-T2 FORMOSA-FM10L45-T2 Datasheet
111Kb / 7P
SMD Schottky Barrier Rectifier
FM120-MS FORMOSA-FM120-MS Datasheet
64Kb / 7P
SMD Schottky Barrier Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com