Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PV37W103C01B00 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PV37W103C01B00
Description  Inductance
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PV37W103C01B00 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PV37W103C01B00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PV37W103C01B00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PV37W103C01B00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PV37W103C01B00
Specifications
Power Rating
0.25W
Shape
Lead
Maximum Working Voltage
200Vdc
Adjustment Direction
Top
Size
6mm
Auto Adjustment
No
Number of Turns (Effective Rotation
Angle)
12
Mechanical Rotation Angle
-
Total Resistance Value
10kΩ
Total Resistance Value Tolerance
±10%
Temperature Coefficient of
Resistance
℃
±150ppm/
Resistance Taper
B (Linear)
Contact Resistance Variation
Less than 3% of total resistance
value or 3ohm, whichever is greater
Residual Resistance
2ohm max.
Soldering Method
Flow
Soldering Iron
Torque
・
21.2mN m max.
Measure Condition of RatedPower
℃
85
Operating Temperature Range
-
℃
55
to
℃
125
Mass
0.34g
2 of 3
Atten ti o n
1.T his datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. T herefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.T his datasheet has only typical specifications because there is no space for detailed specifications.
T herefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last
:
updated 2016/06/14



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com