Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDA4S14L Datasheet(PDF) 1 Page - Comchip Technology

Part # CDA4S14L
Description  Diode Network / ESD Suppressor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDA4S14L Datasheet(HTML) 1 Page - Comchip Technology

  CDA4S14L Datasheet HTML 1Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Voltage: 8 Volts
Current: 50 mA
CDA4S14L
Diode Network / ESD Suppressor
www.comchiptech.com
COMCHIP
COMCHIP
Application
MDS0903003A
Page 1
Schematic
Package (SOT-143)
Feature
Marking “ CDA4 “
4
1
2
3
ESD
Positive Supply
Driver
Receiver
Neg. Supply or Gnd.
Absolute Maximum Ratings: ( Ta = 25oC )
Symbol
Parameter
Value
Units
TJ
Operating Temperature
-40 to +85
0C
WV
Supply Voltage
8
V
IF
DC Forward Current
50
mA
PO
Total Power
225
mW
* These ratings are limited values above which degridation of the product performance may occur
Electrical Ratings: ( Ta = 25oC )
Symbol
Characteristic
Min
Max
Units
Test Condition
VF
Forward voltage
0.6
0.95
V
IF = 20 ma
VR
Reverse breakdown voltage
9.5
11
V
IR = 1 ma
IL
Leakage current
+ 0.1
+ 2.0
uA
@ 8v
CT
Capacitance
1.0
5.0
pF
@ 1Mhz
VESD
Channel clamp voltage
-
+ 13
V
8kV HBM
VPV
Peak ESD voltage capability
16
kV
HBM
This diode network is designed to provide
two channels for active termination of high-
speed data signals to eliminate signal
undershoot and overshoot. The network has
the added benefit of acting to suppress any
ESD voltage events by shunting the energy to
ground assuring maximum reliability of
electronic systems in the field. Trigger levels
are defined by the positive and negative bias
levels set by the user.


Similar Part No. - CDA4S14L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDA4S14-G COMCHIP-CDA4S14-G Datasheet
126Kb / 2P
Steering Diode Arrays - ESD Suppressors
More results

Similar Description - CDA4S14L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDA8S03L COMCHIP-CDA8S03L Datasheet
96Kb / 1P
Diode Network / ESD Suppressor
CDA7Q24L COMCHIP-CDA7Q24L Datasheet
106Kb / 1P
Diode Network / ESD Suppressor
CDA6N08L COMCHIP-CDA6N08L Datasheet
99Kb / 1P
Diode Network / ESD Suppressor
CDA3S06L COMCHIP-CDA3S06L Datasheet
101Kb / 1P
Diode Network / ESD Suppressor
CDA2Q20L COMCHIP-CDA2Q20L Datasheet
108Kb / 1P
Diode Network / ESD Suppressor
CDA3S06G COMCHIP-CDA3S06G Datasheet
53Kb / 1P
Diode Network / ESD Suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE0505C015FR ICT-ULCE0505C015FR Datasheet
90Kb / 5P
ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA-TR1 EATON-0603ESDA-TR1 Datasheet
783Kb / 3P
ESD suppressor
logo
Nexperia B.V. All right...
PESD1IVN-U NEXPERIA-PESD1IVN-U Datasheet
696Kb / 13P
In-vehicle network ESD protection diode
PESD2IVN-U NEXPERIA-PESD2IVN-U Datasheet
697Kb / 13P
In-vehicle network ESD protection diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com