Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDA3S06L Datasheet(PDF) 1 Page - Comchip Technology

Part # CDA3S06L
Description  Diode Network / ESD Suppressor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDA3S06L Datasheet(HTML) 1 Page - Comchip Technology

  CDA3S06L Datasheet HTML 1Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Diode Network / ESD Suppressor
www.comchip
tech.com
COMCHIP
COMCHIP
MDS0903002A
Page 1
Voltage: 8 Volts
Current: 50 mA
CDA3S06L
Absolute Maximum Ratings: ( Ta = 25oC )
Symbol
Parameter
Value
Units
TOP
Operating temperature
-40 to +85
0C
VS
Supply voltage (Vp ~ Vn)
8V
IF
Continuous forward current
50
mA
PO
Total power
1
W
* One diode conducting.
Electrical Ratings: ( Ta = 25oC )
Symbol
Characteristic
Min
Max
Units
Test Condition
VF
Forward voltage
0.6
0.95
V
IF =
25 ma
VR
Reverse breakdown voltage
9.5
11
V
IR = 1 ma
IL
Leakage current
± 0.1
± 2.0
uA
8v
CT
Capacitance
1.0
5.0
pF
@ 1Mhz
VESD
Channel clamp voltage
-
± 10
V
8kV HBM
VPV
Peak ESD voltage capability
16
kV
HBM
Application
ESD
Positive Supply
Driver
Receiver
Neg. Supply or Gnd.
Schematic
Package (SOT23-6)
Feature
6
4
1
3
Marking “ CDA3 “
This diode network is designed to provide four
channels for active termination of high-speed
data signals to eliminate signal undershoot and
overshoot. The network has the added benefit
of acting to suppress any ESD voltage events
by shunting the energy to ground assuring
maximum reliability of electronic systems in
the field. Trigger levels are defined by the
positive and negative bias levels set by the
user.


Similar Part No. - CDA3S06L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDA3S06-G COMCHIP-CDA3S06-G Datasheet
126Kb / 2P
Steering Diode Arrays - ESD Suppressors
CDA3S06G COMCHIP-CDA3S06G Datasheet
53Kb / 1P
Diode Network / ESD Suppressor
More results

Similar Description - CDA3S06L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDA8S03L COMCHIP-CDA8S03L Datasheet
96Kb / 1P
Diode Network / ESD Suppressor
CDA7Q24L COMCHIP-CDA7Q24L Datasheet
106Kb / 1P
Diode Network / ESD Suppressor
CDA6N08L COMCHIP-CDA6N08L Datasheet
99Kb / 1P
Diode Network / ESD Suppressor
CDA4S14L COMCHIP-CDA4S14L Datasheet
68Kb / 1P
Diode Network / ESD Suppressor
CDA2Q20L COMCHIP-CDA2Q20L Datasheet
108Kb / 1P
Diode Network / ESD Suppressor
CDA3S06G COMCHIP-CDA3S06G Datasheet
53Kb / 1P
Diode Network / ESD Suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE0505C015FR ICT-ULCE0505C015FR Datasheet
90Kb / 5P
ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA-TR1 EATON-0603ESDA-TR1 Datasheet
783Kb / 3P
ESD suppressor
logo
Nexperia B.V. All right...
PESD1IVN-U NEXPERIA-PESD1IVN-U Datasheet
696Kb / 13P
In-vehicle network ESD protection diode
PESD2IVN-U NEXPERIA-PESD2IVN-U Datasheet
697Kb / 13P
In-vehicle network ESD protection diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com