Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1012 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SK1012
Description  Drain Current ?밒D=10A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1012 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK1012 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1012 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK1012
DESCRIPTION
·Drain Current
–I
D=10A@ TC=25℃
·Drain Source Voltage-
: VDSS= 500V(Min)
APPLICATIONS
·high voltage, high speed power switching
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
500
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current-continuous@ TC=25℃
10
A
Ptot
Total Dissipation@TC=25℃
100
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.25
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
35
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2SK1012

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2SK1012-01 FUJI-2SK1012-01 Datasheet
169Kb / 4P
N-CHANNEL SILICON POWER MOS-FET
More results

Similar Description - 2SK1012

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK631 ISC-2SK631 Datasheet
64Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK633 ISC-2SK633 Datasheet
64Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK634 ISC-2SK634 Datasheet
64Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK724 ISC-2SK724 Datasheet
58Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK751 ISC-2SK751 Datasheet
64Kb / 2P
Drain Current ?밒D= 10A@ TC=25C
2SK757 ISC-2SK757 Datasheet
66Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK1378 ISC-2SK1378 Datasheet
66Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK1488 ISC-2SK1488 Datasheet
66Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK1515 ISC-2SK1515 Datasheet
67Kb / 2P
Drain Current ?밒D=10A@ TC=25C
2SK1660 ISC-2SK1660 Datasheet
69Kb / 2P
Drain Current ?밒D=10A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com