Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDA2Q20L Datasheet(PDF) 1 Page - Comchip Technology

Part # CDA2Q20L
Description  Diode Network / ESD Suppressor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDA2Q20L Datasheet(HTML) 1 Page - Comchip Technology

  CDA2Q20L Datasheet HTML 1Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Diode Network / ESD Suppressor
www.comchiptech.com
COMCHIP
COMCHIP
MDS0903001A
Page 1
Voltage: 8 Volts
Current: 25 mA
CDA2Q20L
Absolute Maximum Ratings: ( Ta = 25oC )
Symbol
Parameter
Value
Units
TOP
Operating temperature
-40 to +85
0C
VS
Supply voltage (Vp ~ Vn)
8V
IF
Continuous forward current
25
mA
PO
Total power
1
W
* One diode conducting.
Electrical Ratings: ( Ta = 25oC )
Symbol
Characteristic
Min
Max
Units
Test Condition
VF
Forward voltage
0.6
0.95
V
IF =
25 ma
VR
Reverse breakdown voltage
9.5
11
V
IR = 1 ma
IL
Leakage current
± 0.1
± 2.0
uA
8v
CT
Capacitance
1.0
5.0
pF
@ 1Mhz
VESD
Channel clamp voltage
-
± 10
V
8kV HBM
VPV
Peak ESD voltage capability
16
kV
HBM
Application
ESD
Positive Supply
Driver
Receiver
Neg. Supply or Gnd.
Package (QSOP-20)
Feature
20
11
1
10
C 0212
CDA2Q20
This diode network is designed to provide
seventeen channels for active termination
of high-speed data signals to eliminate
signal undershoot and overshoot. The
network has the added benefit of acting to
suppress any ESD voltage events by
shunting the energy to ground assuring
maximum reliability of electronic systems
in the field. Trigger levels are defined by
the positive and negative bias levels set by
the user.


Similar Part No. - CDA2Q20L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDA2Q20-G COMCHIP-CDA2Q20-G Datasheet
126Kb / 2P
Steering Diode Arrays - ESD Suppressors
More results

Similar Description - CDA2Q20L

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDA8S03L COMCHIP-CDA8S03L Datasheet
96Kb / 1P
Diode Network / ESD Suppressor
CDA7Q24L COMCHIP-CDA7Q24L Datasheet
106Kb / 1P
Diode Network / ESD Suppressor
CDA6N08L COMCHIP-CDA6N08L Datasheet
99Kb / 1P
Diode Network / ESD Suppressor
CDA4S14L COMCHIP-CDA4S14L Datasheet
68Kb / 1P
Diode Network / ESD Suppressor
CDA3S06L COMCHIP-CDA3S06L Datasheet
101Kb / 1P
Diode Network / ESD Suppressor
CDA3S06G COMCHIP-CDA3S06G Datasheet
53Kb / 1P
Diode Network / ESD Suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE0505C015FR ICT-ULCE0505C015FR Datasheet
90Kb / 5P
ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA-TR1 EATON-0603ESDA-TR1 Datasheet
783Kb / 3P
ESD suppressor
logo
Nexperia B.V. All right...
PESD1IVN-U NEXPERIA-PESD1IVN-U Datasheet
696Kb / 13P
In-vehicle network ESD protection diode
PESD2IVN-U NEXPERIA-PESD2IVN-U Datasheet
697Kb / 13P
In-vehicle network ESD protection diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com