Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P6KE91C Datasheet(PDF) 4 Page - Comchip Technology

Part # P6KE91C
Description  600w Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

P6KE91C Datasheet(HTML) 4 Page - Comchip Technology

  P6KE91C Datasheet HTML 1Page - Comchip Technology P6KE91C Datasheet HTML 2Page - Comchip Technology P6KE91C Datasheet HTML 3Page - Comchip Technology P6KE91C Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
600w Transient Voltage Suppressor
600w Transient Voltage Suppressor
www.comchiptech.com
COMCHIP
COMCHIP
MDS0312009A
Page 4
FIG. 1 - PEAK PULSE POWER RATING CURVE
100
10
1.0
0.1
0.1us
1.0us
10us
100us
1.0ms
10ms
td, PULSE WIDTH, sec.
FIG.3 - PULSE WAVEFORM
150
100
50
0
0
1.0
2.0
3.0
4.0
t, TIME, ms
FIG. 5 - STEADY STATE POWER DERATING CURVE
5.0
3.75
2.5
1.25
0
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE, ℃
FIG. 7 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS
1.000
100
10
1
0.1
0.01
0.001
0
100
200
300
400 440
450
V(BR), BREAKDOWN VOLTAGE, VOLTS
FIG. 2 - PULSE DERATING CURVE
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE, oC
℃
℃
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
UNIDIRECTIONAL
6.000
1.000
100
10
1
10
100
200
V(BR), BREAKDOWN OLTAGE, VOLTS
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT UNIDIRECTIONAL
200
100
10
1
10
100
NUMBER OF CYCLES AT 60HZ
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3 TA=25
oC
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IPP
tr =10usec.
PEAK VALUE
IPPM
HALF VALUE
Ipp
2
10/1000uSec. WAVEFORM
as DEFINED by R.E.A.
td
60HZ
RESISTIVE OR
INDUCTIVE LOAD
L=0.375”(9.5mm)
LEAD LENGTHS
1.6× 1.6× 0.040”
(40× 40× 1mm.)
COPPER HEAT SINKS
MEASURED AT DEVICES
STAND-OFF
VOLTAGE,VWM
TA=25oC
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
MEASURED at
STAND-OFF
VOLTAGE, VWM
MEASURED at
ZERO BIAS
TJ=25℃
f=1 MHZ
Vsig=50mVp-p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com