Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19W Datasheet(PDF) 1 Page - Comchip Technology

Part # BAS19W
Description  Surface Mount Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

BAS19W Datasheet(HTML) 1 Page - Comchip Technology

  BAS19W Datasheet HTML 1Page - Comchip Technology BAS19W Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage: 75 - 200 Volts
Power: 200 mWatts
BAS16W, BAS19W, BAS20W, BAS21W
Features
Mechanical data
Case: SOT -23, Plastic
Terminals : Solderable per NIL-STD -202,
method 208
Approx. Weight: 0.008 gram
Fast SwitchingSpeed
Surface Mount Package Ideally Suited for
Automatic Insertion
Electrically Identical to Standard JEDEC
High Conductance
Surface Mount Switching Diode
Surface Mount Switching Diode
www.comchiptech.com
COMCHIP
COMCHIP
MDS0304001A
Page 1
Parameter
Symbol
BAS16W
BAS19W
BAS20W
BAS21W
UNITS
Reverse Voltage
VR
75
100
150
200
V
Peak Reverse Voltage
VRM
100
120
200
250
V
Rectified Current (Average), Half W ave Rectification
with Resistive Load and f >=50 Hz
IO
250
200
200
200
mA
Peak Forward Surge Current, 8.3ms single half sine-
wave superimposed on rated load (JEDEC method)
IFSM
2.0
2.5
2.5
2.5
A
Power Dissipation Derate Above 25°C
PTOT
200
200
200
200
mW
Maximum Forward Voltage
@ IF=10mA
@ IF=100mA
Maximum DC Reverse Current at Rated DC Block ing
Voltage TJ= 25°C
IR
1.0
0.1
0.1
0.1
uA
Typical Junction Capacitance (Notes1)
CJ
2.0
1.5
1.5
1.5
pF
Maximum Reverse Recovery (Notes2)
TRR
6.0
50.0
50.0
50.0
nS
Maximum Thermal Res istance
R JA
°C/W
Storage Temperature Range
TJ
°C
NOTE:
1. CJ at VR=0, f=1MHZ
2. From IF=10mA to IR=1mA, VR=6Volts, RL=100?
Maximum Ratings and Electrical Characterics
357
-55 to +125
V
Ratings at 25°C ambient temperature unless otherwise specif ied. Single phase, half wave,
60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
VF
0.855
1.0
1.0
1.0
SINGLE
BAS16W, BAS19W, BAS20W, BAS21W
SOT-323
Dimensions in inches (millimeters)
.056(1.4) .047(1.2)
.087 (2.2)
.016 (.40)
.016 (.40) max.
Top View
.087 (2.2)
.070 (1.8)
.078(2. 0)
.016 (.40)
1
2
3


Similar Part No. - BAS19W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS19W PANJIT-BAS19W Datasheet
110Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAS19W WTE-BAS19W Datasheet
45Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Jiangsu Changjiang Elec...
BAS19W JIANGSU-BAS19W Datasheet
200Kb / 3P
SWITCHING DIODE
More results

Similar Description - BAS19W

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Zowie Technology Corpor...
MMDL6050T1 ZOWIE-MMDL6050T1 Datasheet
47Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
GTM CORPORATION
GD511 GTM-GD511 Datasheet
230Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GDMBD2004 GTM-GDMBD2004 Datasheet
221Kb / 2P
SURFACE MOUNT,SWITCHING DIODE
GSBAS16 GTM-GSBAS16 Datasheet
119Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAL99 TSC-BAL99 Datasheet
46Kb / 2P
Surface Mount Switching Diode
MMBD4148 TSC-MMBD4148 Datasheet
53Kb / 2P
Surface Mount Switching Diode
MMBD4448H TSC-MMBD4448H Datasheet
44Kb / 2P
Surface Mount Switching Diode
BAV23S TSC-BAV23S Datasheet
46Kb / 2P
Surface Mount Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com