Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC446 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC446
Description  400MHz, 50mW Current-Feedback Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC446 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC446 Datasheet HTML 1Page - National Semiconductor (TI) CLC446 Datasheet HTML 2Page - National Semiconductor (TI) CLC446 Datasheet HTML 3Page - National Semiconductor (TI) CLC446 Datasheet HTML 4Page - National Semiconductor (TI) CLC446 Datasheet HTML 5Page - National Semiconductor (TI) CLC446 Datasheet HTML 6Page - National Semiconductor (TI) CLC446 Datasheet HTML 7Page - National Semiconductor (TI) CLC446 Datasheet HTML 8Page - National Semiconductor (TI) CLC446 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
http://www.national.com
2
Electrical Characteristics (A
V = +2, Rf = 249Ω:VCC = + 5V, RL = 100Ω; unless specified)
PARAMETERS
CONDITIONS
TYP
MIN/MAX RATINGS
UNITS
NOTES
Ambient Temperature
CLC446AJ
+25˚C
+25˚C
0 to 70˚C
-40 to 85˚C
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
Vo < 0.2Vpp
400
340
300
300
MHz
Vo < 2.0Vpp
280
210
190
190
MHz
gain flatness
Vo < 2.0Vpp
<100MHz
±0.05
±0.2
±0.2
±0.2
dB
linear phase dev. Vo < 2.0Vpp
<100MHz
0.2
0.5
0.8
0.8
deg
differential gain
NTSC, RL=150Ω
0.02
0.04
0.04
0.04
%
differential phase
NTSC, RL=150Ω
0.03
0.05
0.05
0.05
deg
TIME DOMAIN RESPONSE
rise and fall time
2V step
0.9
1.4
1.5
1.6
ns
settling time to 0.1%
2V step
9
13
15
15
ns
overshoot
2V step
6
15
18
18
%
slew rate
2V step, ±0.5V crossing
2000
1400
1300
1200
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
2Vpp, 5MHz
-65
-59
-58
-58
dBc
2Vpp, 20MHz
-55
-48
-48
-48
dBc
2Vpp, 50MHz
-54
-43
-42
-42
dBc
3rd harmonic distortion
2Vpp, 5MHz
-78
-70
-68
-68
dBc
2Vpp, 20MHz
-70
-62
-60
-60
dBc
2Vpp, 50MHz
-50
-45
-42
-42
dBc
equivalent input noise
voltage (eni)
>1MHz
3.8
4.8
5.0
5.1
nV/
√Hz
non-inverting current (ibn)
>1MHz
2.0
2.6
2.8
3.3
pA/
√Hz
inverting current (ibi)
>1MHz
16
19
20
21
pA/
√Hz
STATIC DC PERFORMANCE
input offset voltage
2
7
10
11
mV
A
average drift
17
–
25
35
µV/˚C
input bias current
non-inverting
3
12
25
25
µAA
average drift
30
–
90
130
nA/˚C
input bias current
inverting
10
22
30
35
µAA
average drift
26
–
75
85
nA/˚C
power supply rejection ratio
DC
52
45
43
43
dB
common-mode rejection ratio
DC
48
44
42
42
dB
supply current
RL= ∞
4.8
5.8
6.2
6.2
mA
A
MISCELLANEOUS PERFORMANCE
input resistance
non-inverting
1.5
1.0
0.85
0.70
M
Ω
input capacitance
non-inverting
1
2
2
2
pF
input range
common-mode
±2.8
±2.6
±2.4
±2.3
V
output voltage range
RL = 100Ω
±3.1
±2.8
±2.8
±2.6
V
RL = ∞
±3.2
±3.0
±2.9
±2.8
V
output current
48
48
48
48
mA
output resistance, closed loop
DC
0.04
0.1
0.1
0.1
Ω
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
Absolute Maximum Ratings
supply voltage
±6V
output current
±48mA
common-mode input voltage
±Vcc
maximum junction temperature
+175˚C
storage temperature range
-65˚C to +150˚C
lead temperature (soldering 10 sec)
+300˚C
ESD rating (human body model)
1000V
Notes
A) J-level: spec is 100% tested at +25˚C.
Ordering Information
Model
Temperature Range
Description
CLC446AJP
-40˚C to +85˚C
8-pin PDIP
CLC446AJE
-40˚C to +85˚C
8-pin SOIC
CLC446ALC
-40˚C to +85˚C
dice
CLC446A8B
-55˚C to +125˚C
8-pin CerDIP, MIL-STD-883
CLC446AMC
-55˚C to +125˚C
dice, MIL-STD-883
Contact the factory for other packages and DESC SMD number.
Package Thermal Resistance
Package
θθ
JC
θθ
JA
Plastic (AJP)
70˚C/W
125˚C/W
Surface Mount (AJE)
60˚C/W
140˚C/W
Ceramic (A8B)
40˚C/W
130˚C/W
Reliability Information
Transistor Count
36
MTBF (based on limited test data)
39Mhr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com