Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H11L2SL Datasheet(PDF) 3 Page - CT Micro International Corporation

Part # H11L2SL
Description  Schmitt Trigger Output 6-Pin Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

H11L2SL Datasheet(HTML) 3 Page - CT Micro International Corporation

  H11L2SL Datasheet HTML 1Page - CT Micro International Corporation H11L2SL Datasheet HTML 2Page - CT Micro International Corporation H11L2SL Datasheet HTML 3Page - CT Micro International Corporation H11L2SL Datasheet HTML 4Page - CT Micro International Corporation H11L2SL Datasheet HTML 5Page - CT Micro International Corporation H11L2SL Datasheet HTML 6Page - CT Micro International Corporation H11L2SL Datasheet HTML 7Page - CT Micro International Corporation H11L2SL Datasheet HTML 8Page - CT Micro International Corporation H11L2SL Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CT Micro
Rev 1
Proprietary & Confidential
Page 3
Mar, 2014
H11L1, H11L2, H11L3
Schmitt Trigger Output 6-Pin Optocoupler
Electrical Characteristics T
A = 25°C (unless otherwise specified)
Emitter Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward voltage
IF=10mA
1.24
1.4
V
IR
Reverse Current
VR = 6V
-
-
5
µA
CIN
Input Capacitance
f= 1MHz
-
45
-
pF
Detector Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VCC
Supply Voltage
3
-
15
V
ICCH
Logic High Supply Current
IF= 0mA, VCC= 5V
1.5
5
mA
IOH
Logic High Output Current
IF= 0mA, VCC=VO=15V
100
µA
Transfer Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
ICCL
Logic Low Supply Current
IF= 10mA, VCC= 5V
1.5
5
mA
IF(ON)
Input Threshold
Current
H11L1
VCC= 5V, RL= 270
1.6
mA
H11L2
10
mA
H11L3
5
mA
IF(OFF)
Off Threshold Current
VCC= 5V, RL= 270
0.3
1
mA
IF(ON)/
IF(OFF)
Hysteresis Ratio
0.5
0.9
VOL
Logic Low Output Voltage
IF= IF(ON) Max, VCC= 5V,
RL= 270
0.4
V
RIO
Isolation Resistance
VIO= 500VDC
1x1011
CIO
Isolation Capacitance
f= 1MHz
0.25
pF
Switching Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
tON
Turn On Time
IF= IF(ON), VCC= 5V, RL= 270
-
-
3.8
µs
tr
Rise Time
-
0.1
-
tOFF
Turn Off Time
-
-
3.8
tf
Fall Time
-
0.1
-
Data Rate
-
1
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com