Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B39881B8013P810 Datasheet(PDF) 2 Page - TDK Electronics

Part # B39881B8013P810
Description  SAW Duplexer for smallcells
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39881B8013P810 Datasheet(HTML) 2 Page - TDK Electronics

  B39881B8013P810 Datasheet HTML 1Page - TDK Electronics B39881B8013P810 Datasheet HTML 2Page - TDK Electronics B39881B8013P810 Datasheet HTML 3Page - TDK Electronics B39881B8013P810 Datasheet HTML 4Page - TDK Electronics B39881B8013P810 Datasheet HTML 5Page - TDK Electronics B39881B8013P810 Datasheet HTML 6Page - TDK Electronics B39881B8013P810 Datasheet HTML 7Page - TDK Electronics B39881B8013P810 Datasheet HTML 8Page - TDK Electronics B39881B8013P810 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
April 09, 2015
B8013
836.5 / 881.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Duplexer for smallcells
Data sheet
Application
s
Low-loss RF SAW Duplexer for smallcells (Band V)
s
Usable passband 25 MHz
s
Unbalanced to unbalanced operation
s
High power durability in downlink
s
Rx = UPLINK = 824-849 MHz
s
Tx = DOWNLINK = 869-894 MHz
Features
s
Package size 2.5 x 2.0 mm2
s
Max. Package height 0.5mm
s
RoHS compatible
s
Package for Surface Mount Technology (SMT)
s
Ni, gold-plated terminals
s
Electrostatic Sensitive Device (ESD)
s
Moisture Sensitivity Level 3
Pin configuration
s
1
Tx Input
s
3
Rx output
s
6
Antenna
s
2,4,5,7,8,9 To be grounded
1
6
2,4,5
3
7,8,9



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com