Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1010 Datasheet(PDF) 1 Page - Comchip Technology

Part # AM1010
Description  Silicon Miniature Single-Phase Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AM1010 Datasheet(HTML) 1 Page - Comchip Technology

  AM1010 Datasheet HTML 1Page - Comchip Technology AM1010 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Voltage: 50 - 1000 Volts
Current: 1.0 - 1.5 Amp
AM 100/150 Thru AM1010/1510
Features
Ratings to 1000V PRV
Surge overloadrating - 30/50 amperes peak
Ideal for printed circuit board
Reliable construction utilizing molded plastic
Mounting position: Any
Mechanical Data
Case: Reliable low cost construction utilizing
molded plastic technique results in inexpensive
product
Terminals: Lead solderable per MIL-STD-202,
Method 208
Polarity: Polarity symbols marking on body
Weight: 0.05 ounce, 1.3 grams
Available with 0.50 inch leads (P/N add suffix “S”)
Silicon Miniature Single-Phase Bridge
Silicon Miniature Single-Phase Bridge
www.comchiptech.com
COMCHIP
COMCHIP
MDS0306001A
Page 1
AM100
AM101
AM102
AM104
AM106
AM108 AM1010
AM150
AM151
AM152
AM154
AM156
AM158 AM1510
50
100
200
400
600
800
1000
V
35
70
140
280
420
560
700
V
50
100
200
400
600
800
1000
V
AM100
AM150
AM100
AM150
uA
mA
A
2S
pF
°C
°C
-55 to +150
30
UNITS
V
A
A
24
36
13
-55 to +125
1.0
10.0
1.0
10
Maximum RMS Bridge input Voltage
1.0
1.5
50
Operating Temperature Range TJ
Storage Temperature Range TA
AM100 Maximum Average Forward Rectified
Current at TA = 50°C
Peak Forward Surge Current, 8.3ms single half
sine-wave superimposed on rated load
°C/W
For capacitive load, derate current by 20%.
Maximum Recurrent Peak Reverse Voltage
Maximum DC Blocking Voltage
Maximum Forward Voltage Drop per Bridge Element at 1.0A
DC
Maximum Reverse Current at Rated T A = 25°C
DC Blocking Voltage per element TA = 100°C
I
2t Rating for fusing ( t< 8.35ms)
Typical Junction capacitance per leg (Note 1) CJ
Typical Thermal resistance per leg (Note 2) RθJA
Typical Thermal resistance per leg (Note 2) RθJL
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, Resistive or inductive load.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 Volts
2. Thermal resistance from junction to ambient and from junction to lead m ounted on P.C.B. with
0.47x 0.47”(12 x 12mm) copper pads
AM


Similar Part No. - AM1010

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
AM1010 PANJIT-AM1010 Datasheet
42Kb / 2P
1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
logo
Transys Electronics
AM1010 TRSYS-AM1010 Datasheet
116Kb / 2P
1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
Comchip Technology
AM1010-G COMCHIP-AM1010-G Datasheet
54Kb / 2P
Silicon Miniature Single-Phase Bridge
More results

Similar Description - AM1010

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
FL400 TRSYS-FL400 Datasheet
135Kb / 2P
IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
List of Unclassifed Man...
WL005M ETC1-WL005M Datasheet
89Kb / 2P
1.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
Comchip Technology
AM100-G COMCHIP-AM100-G Datasheet
54Kb / 2P
Silicon Miniature Single-Phase Bridge
logo
Pan Jit International I...
FL400 PANJIT-FL400_04 Datasheet
56Kb / 2P
IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER
KBL400 PANJIT-KBL400 Datasheet
96Kb / 2P
IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER
W005M PANJIT-W005M Datasheet
430Kb / 2P
1.0 AMPERES MINIATURE SINGLE-PHASE SILICON BRIDGE
logo
New Jersey Semi-Conduct...
2KBP005M NJSEMI-2KBP005M Datasheet
114Kb / 1P
2.0AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
3N253 NJSEMI-3N253 Datasheet
121Kb / 1P
MINIATURE GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE RECTIFIER
2KBP005M NJSEMI-2KBP005M Datasheet
119Kb / 1P
2.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
W005G NJSEMI-W005G Datasheet
71Kb / 1P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com