Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM150 Datasheet(PDF) 2 Page - Comchip Technology

Part # AM150
Description  Silicon Miniature Single-Phase Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

AM150 Datasheet(HTML) 2 Page - Comchip Technology

  AM150 Datasheet HTML 1Page - Comchip Technology AM150 Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MDS0306001A
Page 2
COMCHIP
COMCHIP
www.comchiptech.com
Rating and Characteristic Curves (AM100/150 T HRU AM1010/1510)
Silicon Miniature Single-Phase Bridge
Silicon Miniature Single-Phase Bridge
COMCHIP
COMCHIP
50
40
30
20
10
0
2
4
6
10
20
40
60
100
AM100 SERIES
AM150 SERIES
NUMBER OF CYCLES AT 60Hz
2.0
1.5
1.0
0.5
0
0
50
100
150
AM150 SERIES
AM100 SERIES
AMBIENT TEMPERATURE,°C
Fig. 1-MAXIMUM NON-REPETITIVE SURGE
CURRENT
Fig. 2-DERATING CURVE FOR OUTPUT RECTIFIED
CURRENT
5
4
3
2
1
.9
.8
.7
.5
.3
.2
.1
.07
.05
.03
.02
.01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TYPICAL
DISTRIBUTION
MEDIAN
INSTANTANEOUS FWD VOLTAGE, VOLTS
10
1.0
.1
.01
0
20
40
60
80
100
120
140
T
A = 25°C
TA = 100°C
PERCENT OF PEAK REVERSE VOLTAGE
Fig. 3-TYPICAL FORWARD CHARACTERISTICS(25 °C)
Fig. 4-TYPICAL REVERSE CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com