Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC449 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC449
Description  1.1GHz Ultra-Wideband Monolithic Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC449 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC449 Datasheet HTML 1Page - National Semiconductor (TI) CLC449 Datasheet HTML 2Page - National Semiconductor (TI) CLC449 Datasheet HTML 3Page - National Semiconductor (TI) CLC449 Datasheet HTML 4Page - National Semiconductor (TI) CLC449 Datasheet HTML 5Page - National Semiconductor (TI) CLC449 Datasheet HTML 6Page - National Semiconductor (TI) CLC449 Datasheet HTML 7Page - National Semiconductor (TI) CLC449 Datasheet HTML 8Page - National Semiconductor (TI) CLC449 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
http://www.national.com
2
PARAMETERS
CONDITIONS
TYP
MIN/MAX RATINGS
UNITS
NOTES
CLC449
+25°
+25°
0° to +70° -40° to +85°
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
small signal
<0.2Vpp
1100
MHz
large signal
<2Vpp
500
380
380
360
MHz
±0.1 dB bandwidth
<2Vpp
200
MHz
gain flatness
peaking
DC to 200MHz
0
dB
rolloff
DC to 200MHz
0.1
0.5
0.5
0.5
dB
linear phase deviation
<200MHz
0.8
deg
differential gain
4.43MHz, RL=150Ω
0.03
0.05
0.05
0.05
%
differential phase
4.43MHz, RL=150Ω
0.02
0.02
0.05
0.05
deg
TIME DOMAIN RESPONSE
rise and fall time
2V step
0.8
1.1
1.1
1.1
ns
settling time to 0.2%
2V step
6
ns
settling time to 0.1%
2V step
11
ns
overshoot
2V step
10
18
18
18
%
slew rate
4V step
2500
2000
2000
2000
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
2Vpp, 5MHz
-63
59
59
59
dBc
2Vpp, 20MHz
-52
-48
-48
-48
dBc
2Vpp, 50MHz
-44
40
40
40
dBc
3rd harmonic distortion
2Vpp, 5MHz
-84
77
75
75
dBc
2Vpp, 20MHz
-73
-66
-64
-64
dBc
2Vpp, 50MHz
-62
55
53
53
dBc
3rd order intercept
70MHz
30
dBm
1dB gain compression @ 50MHz
16
dBm
equivalent input noise
non-inverting voltage
1MHz
2.2
2.9
nV/
√Hz
inverting current
1MHz
15
20.0
pA/
√Hz
non-inverting current
1MHz
3
5.0
pA/
√Hz
STATIC DC PERFORMANCE
input offset voltage
3
7
9
9
mV
A
average drift
25
µV/°C
input bias current
non-inverting
6
30
45
60
µAA
average drift
50
nA/°C
input bias current
inverting
2
20
25
40
µAA
average drift
25
nA/°C
power supply rejection ratio
DC
48
43
41
41
dB
A
common-mode rejection ratio
DC
47
44
45
46
dB
supply current
RL= ∞
12
13.5
14
14
mA
A
MISCELLANEOUS PERFORMANCE
input resistance
non-inverting
400
200
200
150
k
Ω
input capacitance
non-inverting
1.3
pF
output resistance
closed loop
0.1
0.15
0.15
0.25
Ω
output voltage range
RL= ∞
3.3
3.1
3.1
3.1
V
RL=100Ω
2.9
2.8
2.8
2.8
V
input voltage range
common-mode
2.4
2.2
2.1
1.9
V
output current
80
60
50
40
mA
CLC449 Electrical Characteristics (Av = +2, R
f = 250Ω
Ω,, V
cc = ±5V, RL = 100Ω
Ω; unless specified)
Absolute Maximum Ratings
Voc
±6V
Iout is short circuit protected to ground
common-mode input voltage
±Vcc
maximum junction temperature
+150°C
operating temperature range
AJ
-40°C to +85°C
storage temperature range
-65°C to +150°C
lead temperature (soldering 10 sec)
+300°C
ESD (human body model)
500V
Notes
A) J-level: spec is 100% tested at +25°C.
Package Thermal Resistance
Package
θ
JC
θ
JA
Plastic (AJP)
90°C/W
105°C/W
Surface Mount (AJE)
110°C/W
130°C/W
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com