Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TV30C101JB Datasheet(PDF) 2 Page - Comchip Technology

Part # TV30C101JB
Description  SMD Transient Voltage Suppressor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TV30C101JB Datasheet(HTML) 2 Page - Comchip Technology

  TV30C101JB Datasheet HTML 1Page - Comchip Technology TV30C101JB Datasheet HTML 2Page - Comchip Technology TV30C101JB Datasheet HTML 3Page - Comchip Technology TV30C101JB Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rating and Characteristic Curves (TV30C5V0 Thru TV30C171)
Fig. 1 - Reverse Characteristics
Fig. 2 - Pulse Derating Curve
www.comchip.com.tw
COMCHIP
COMCHIP
0.1
1.0
10
100
1000
10000
MDS0211017A
Page 2
SMD Transient Voltage Suppressor
SMD Transient Voltage Suppressor
100
10
1.0
0.1
Non-Repetitive
Pulse Waveform
Shown in Fig. 3
TA=25 C
Mounted on 8mmx8mm
Copper Pads
Pulse Width, td (uS)
0
25
50
75
100
125
150
175
Ambient Temperature,TA ( C)
Ambient Temperature,TA ( C)
140
120
100
80
60
40
20
0
Fig. 4 - Typical Junction Capacitance
Breakdown Voltage,VBR (Volts)
100,000
10,000
1000
100
5.0
10
100
500
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
Fig. 6 - Maxinum Non-Repetitive Peak
Forward Surge Current (Uni-
Directional Only)
350
300
250
200
150
100
50
0
1
10
100
Number of Cycle at 60Hz
Mounted on
5mmx5mm
Copper pads
Fig. 3 - Pulse Waveform
Time, t (mS)
0
1.0
2.0
3.0
4.0
125
100
75
50
25
0
Pulse Width (td) is Defined
as the Point Where the peak
Current Decay to 50% of Ipp
Peak Value IPPM
Half Value Ipp/2
10/1000 uS Waveform
as Defined by R.E.A.
tr =10uS
Fig. 5 - Steady State Power Derating Curve
Leadt Temperature,TL ( C)
60Hz
Resistive or
Inductive
Load
Mounted on
8mmx8mm
Copper pads
7.0
6.0
5.0
4.0
3.0
2.0
1.0
0
0
25
50
75
100
125
150
175
Uni-Directional
Bi-Directional
Measure at
Zero Bias
Measure at
Standard-off
Voltage, Vwm
8.3mS Single Half Sine-Wave
(JEDEC Method) Tj=Tjmax



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com