Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7730B Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7730B
Description  SINGLE CHIP RDS DEMODULATOR FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7730B Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7730B Datasheet HTML 1Page - STMicroelectronics TDA7730B Datasheet HTML 2Page - STMicroelectronics TDA7730B Datasheet HTML 3Page - STMicroelectronics TDA7730B Datasheet HTML 4Page - STMicroelectronics TDA7730B Datasheet HTML 5Page - STMicroelectronics TDA7730B Datasheet HTML 6Page - STMicroelectronics TDA7730B Datasheet HTML 7Page - STMicroelectronics TDA7730B Datasheet HTML 8Page - STMicroelectronics TDA7730B Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
7
V
Top
Operating Temperature Range
-40 to 85
°C
Tstg
Storage Temperature
-40 to 150
°C
THERMAL DATA
Symbol
Description
DIP20
SO20
Unit
Rth j-case
Thermal Resistance Junction-case
Typ.
100
200
°C/W
PIN CONNECTION (Top view)
Nr.
Name
Description
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
MUXIN
Vref
COMP
FIL OUT
GND
T1
T3
T4
OSC OUT
OSC IN
T57
RDCL
RDDA
QUAL
ARI
VCC
T2
FSEL
TM
POR
RDS input signal.
Reference voltage
Not inverting comparator input (smoothing filter)
Filter Output
Ground
Testing output pin (not to be used)
Testing output pin (not to be used)
Testing output pin (not to be used)
Oscillator output
Oscillator Input
Testing output pin: 57KHz clock output
RDS clock output (1187.5Hz)
RDS data output
Output for signal quality indication (High = good)
Output for ARI indication (High when RDS + ARI signals are present)
(High when only ARI is present)
(Low when only RDS is present)
(indefined when no signal is present)
Supply Voltage
Testing output pin (not to be used)
Frequency selector pin: open = 4.332MHz, closed to VCC = 8.664MHz
Test mode pin (open = normal RUN)
(closed to VCC = Test mode)
Reset Input for testing (active high)
PIN FUNCTION
TDA7330B
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com