Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XR4151CP Datasheet(PDF) 5 Page - Exar Corporation

Part # XR4151CP
Description  Voltage-to-Frequency Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR4151CP Datasheet(HTML) 5 Page - Exar Corporation

  XR4151CP Datasheet HTML 1Page - Exar Corporation XR4151CP Datasheet HTML 2Page - Exar Corporation XR4151CP Datasheet HTML 3Page - Exar Corporation XR4151CP Datasheet HTML 4Page - Exar Corporation XR4151CP Datasheet HTML 5Page - Exar Corporation XR4151CP Datasheet HTML 6Page - Exar Corporation XR4151CP Datasheet HTML 7Page - Exar Corporation XR4151CP Datasheet HTML 8Page - Exar Corporation XR4151CP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
;5

#0;  
)LJXUH  9ROWDJHWR)UHTXHQF\ &RQYHUWHU







;5
9
2)
.
56
.
.
9,
9ROWDJH
,QSXW
2)
5%
.
&%
2)
9&&
52
.
9/
IR
)UHTXHQF\
2XWSXW
5/
.
N+]
9
56
55&2
IR
7
I .9, :KHUH . 
7 ô5&2
6:
&203
2QH
6KRW
2)
&6
&2
7<3,&$/ $33/,&$7,216
6LQJOH 6XSSO\ 9ROWDJHWR)UHTXHQF\ &RQYHUWHU
)LJXUH  VKRZV WKH VLPSOHVW W\SH RI 9)& WKDW FDQ EH
PDGH ZLWK WKH ;5 7KH LQSXW YROWDJH UDQJH LV IURP 
WR 9 DQG WKH RXWSXW IUHTXHQF\ LV IURP  WR N+] 7KH
IXOO VFDOH IUHTXHQF\ FDQ EH WXQHG E\ DGMXVWLQJ 56 WKH
RXWSXW FXUUHQW VHW UHVLVWRU 7KLV FLUFXLW KDV WKH DGYDQWDJH
RI EHLQJ VLPSOH DQG ORZ LQ FRVW EXW LW VXIIHUV IURP
LQDFFXUDF\ GXH WR D QXPEHU RI HUURU VRXUFHV /LQHDULW\
HUURU LV W\SLFDOO\  $ IUHTXHQF\ RIIVHW ZLOO DOVR EH
LQWURGXFHG E\ WKH LQSXW FRPSDUDWRU RIIVHW YROWDJH $OVR
UHVSRQVH WLPH IRU WKLV FLUFXLW LV OLPLWHG E\ WKH SDVVLYH
LQWHJUDWLRQ QHWZRUN 5%&% )RU WKH FRPSRQHQW YDOXHV
VKRZQ LQ )LJXUH  UHVSRQVH WLPH IRU D VWHS FKDQJH LQSXW
IURP  WR 9 ZLOO EH PVHF )RU DSSOLFDWLRQV ZKLFK
UHTXLUH IDVW UHVSRQVH WLPH DQG KLJK DFFXUDF\ XVH WKH
FLUFXLW RI )LJXUH 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com