Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QID3320004 Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # QID3320004
Description  Dual IGBT HVIGBT Module 200 Amperes/3300 Volts
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

QID3320004 Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  QID3320004 Datasheet HTML 1Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 2Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 3Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 4Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 5Page - Powerex Power Semiconductors QID3320004 Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
QID3320004
Dual IGBT HVIGBT Module
200 Amperes/3300 Volts
2
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697 (724) 925-7272 www.pwrx.com
11/14 Rev. 6
Information presented is based upon manufacturers testing and projected capabilities. This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability, or future availability of this product.
Absolute Maximum Ratings,
Tj = 25 °C unless otherwise specified
Ratings
Symbol
QID3320004
Units
Junction Temperature
Tj
-50 to +150
°C
Operating Temperature
Top
-50 to +150
°C
Storage Temperature
Tstg
-55 to +150
°C
Collector-Emitter Voltage (VGE = 0V)
VCES
3300
Volts
Gate-Emitter Voltage (VCE = 0V)
VGES
±20
Volts
Collector Current (TC = 102°C)
IC
200
Amperes
Collector Current (TC = 25°C)
IC
370
Amperes
Peak Collector Current (Pulse)
ICM
400*
Amperes
Diode Forward Current** (TC = 99°C)
IF
200
Amperes
Diode Forward Surge Current** (Pulse)
IFM
400*
Amperes
I2t for Diode (t = 10ms, VR = 0V, Tj = 125°C)
I2t
15
kA2sec
Maximum Collector Dissipation (TC = 25°C, IGBT Part, Tj(max) ≤ 150°C)
PC
2080
Watts
Mounting Torque, M5 Terminal Screws
—
35
in-lb
Mounting Torque, M6 Mounting Screws
—
44
in-lb
Module Weight (Typical)
—
800
Grams
Isolation Voltage (Charged Part to Baseplate, AC 60Hz 1 min.)
Viso
6.0
kVolts
Partial Discharge
Qpd
10
pC
(V1 = 3500 VRMS, V2 = 2600 VRMS, f = 60Hz (Acc. to IEC 1287))
Maximum Short-Circuit Pulse Width,
tpsc
10
µs
(VCC ≤ 2500V, VCE ≤ VCES, VGE = 15V, Tj = 125°C)
Electrical Characteristics,
Tj = 25 °C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Collector-Cutoff Current
ICES
VCE = VCES, VGE = 0V
—
—
2.0
mA
Gate Leakage Current
IGES
VGE = VGES, VCE = 0V
—
—
0.5
µA
Gate-Emitter Threshold Voltage
VGE(th)
IC = 15mA, VCE = 10V
5.5
6.0
6.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 200A, VGE = 15V, Tj = 25°C
—
2.7***
3.0
Volts
IC = 200A, VGE = 15V, Tj = 125°C
—
3.4
4.0
Volts
IC = 200A, VGE = 15V, Tj = 150°C
—
3.6
—
Volts
Total Gate Charge
QG
VCC = 1800V, IC = 170A, VGE = 15V
—
1.8
—
µC
Emitter-Collector Voltage**
VEC
IE = 200A, VGE = 0V, Tj = 25°C
—
2.3
3.0
Volts
IE = 200A, VGE = 0V, Tj = 125°C
—
2.45
—
Volts
IE = 200A, VGE = 0V, Tj = 150°C
—
2.55
—
Volts
* Pulse width and repetition rate should be such that device junction temperature (Tj) does not exceed Tj(max) rating.
**Represents characteristics of the anti-parallel, emitter-to-collector free-wheel diode (FWDi).
*** Pulse width and repetition rate should be such that device junction temperature rise is negligible.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com