Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B39751B8317P810 Datasheet(PDF) 4 Page - TDK Electronics

Part # B39751B8317P810
Description  SAW Components SAW filter for Femtocell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B39751B8317P810 Datasheet(HTML) 4 Page - TDK Electronics

  B39751B8317P810 Datasheet HTML 1Page - TDK Electronics B39751B8317P810 Datasheet HTML 2Page - TDK Electronics B39751B8317P810 Datasheet HTML 3Page - TDK Electronics B39751B8317P810 Datasheet HTML 4Page - TDK Electronics B39751B8317P810 Datasheet HTML 5Page - TDK Electronics B39751B8317P810 Datasheet HTML 6Page - TDK Electronics B39751B8317P810 Datasheet HTML 7Page - TDK Electronics B39751B8317P810 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
December 31, 2013
B8317
751.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter for Femtocell
Data sheet
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
1001)
1) acc. to JESD22-A11B5B (machine model), +/- 10 pulse.
V
machine model, 10 pulses
Input power at
746.0...756.0 MHz
PIN
20
dBm
CW @ 55˚C, 10 000 hrs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com