Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7220 Datasheet(PDF) 1 Page - LSI Computer Systems

Part # LS7220
Description  DIGITAL LOCK FOR AUTOMOTIVE IGNITIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7220 Datasheet(HTML) 1 Page - LSI Computer Systems

  LS7220 Datasheet HTML 1Page - LSI Computer Systems LS7220 Datasheet HTML 2Page - LSI Computer Systems LS7220 Datasheet HTML 3Page - LSI Computer Systems LS7220 Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITAL LOCK FOR AUTOMOTIVE IGNITIONS
FEATURES:
• 5040 Four-Digit Combinations (for a 10 digit Keypad)
• Combinations are Hard-Wire Programmed
• Sense Input Enables Operation
• Save Memory Feature for Valet Parking
• Convenience Delay Controlled by External Capacitor
• Static or Momentary Lock Control Output
• Save Memory and Lock Status Outputs
• +5V to +18V Operation (Vss - VDD)
• LS7220 (DIP), LS7220-S (SOIC) - See Figure 1
DESCRIPTION:
The LS7220 is a MOS digital lock circuit. When wired to a ten-digit
keypad, the circuit will recognize one four-digit combination out of a
possible 5040 combinations.
The LS7220 is configured with the features required for an Auto-
motive Ignition Anti-Theft Digital Lock (See Figure 5).
These
features include Sense input which enables the IC, Save Memory
for Valet Parking, Convenience Delay to maintain Unlock condition
for short term interruptions of the Sense input and Save Status and
Lock Status outputs which can be used for direct drive of LED
indicators.
OPERATING DESCRIPTION: (Refer to Figures 2, 3, 4 and 5.)
When the Sense input goes high, the LS7220 is enabled. The Lock
Status output turns on and Save Status and LOCK outputs remain
off. When the programmed four-digit combination is entered from
the keypad, in proper sequence, LOCK turns on and Lock Status
turns off. If the Sense input is interrupted for a period of time great-
er than the Convenience Delay, the operating sequence must start
over. If the Sense input is interrupted for a period of time less than
the Convenience Delay, the operation of the LS7220 is unaffected.
A momentary high at the Save input sets the Save Memory and
causes the LS7220 to save an Unlock condition (Sequential Mem-
ory is set) for any time duration interruption of the Sense input (i.e.,
valet parking). The Save Status output turns on when Save Mem-
ory is set. The Lock input is used to reset the Save Memory and re-
turn the LS7220 to normal operation.
NOTE: Using a 3 x 4 keypad, the F key can be connected to the
Lock input and the # key to the Save input. Lock Status and Save
Status outputs can be used to drive red and green LED indicators,
respectively.
INPUT/OUTPUT DESCRIPTION: (Refer to Figure 4)
SENSE INPUT (Pin 1)
A high at this input causes CONVENIENCE DELAY to transition
high and enables recognition of the SELECTED KEYS when they
are inputted in proper sequence. Control logic for LOCK, LOCK
STATUS and SAVE STATUS outputs is also enabled. A low at
this input keeps all outputs off and resets the Sequential Memory if
Save Memory is not set.
VDD (Pin 9)
Supply voltage negative terminal.
Vss (Pin 14)
Supply voltage positive terminal.
1
2
3
4
5
6
7
14
13
12
11
8
9
10
PIN ASSIGNMENT - TOP VIEW
SENSE IN
UNSELECTED KEYS
(RESET)
SELECTED KEYS
(IN SEQUENCE)
LOCK IN
V SS (+V)
LOCK OUT
CONVENIENCE
DELAY
SAVE IN
SAVE STATUS OUT
VDD (-V)
LOCK STATUS OUT
FIGURE 1.
I 1
I 2
I 3
I 4
7220-012703-1
January 2003
UNSELECTED KEYS (RESET) INPUT (Pin 2)
A high at this input resets the Sequential Detector for the
SELECTED KEYS inputs. This input must be wired to all digit keys
which are not part of the Four-Digit Combination.
SELECTED KEYS INPUTS (Pins 3, 4, 5, 6)
When these inputs are brought high in correct sequence, (i.e.,I1, I2,
I3, I4) the Sequential Memory is set if SENSE input is high. LOCK
output turns on and LOCK STATUS output turns off when the
Sequential Memory is set.
LOCK INPUT (Pin 7)
A high at this input resets the Save Memory. The SAVE STATUS
output turns off when this occurs.
LOCK STATUS OUTPUT (Pin 8)
This output is the complement of LOCK output when the SENSE
input is high. See NOTE.
SAVE STATUS OUTPUT (Pin 10)
This output turns on when Save Memory is set and SENSE input is
high. See NOTE.
SAVE INPUT (Pin 11)
A high at this input sets the Save Memory. If Save Memory is set
and Sequential Memory is set, the Save Memory will prevent the
Sequential Memory from being reset as a result of a change at the
SENSE Input. (See SAVE STATUS OUTPUT.)
CONVENIENCE DELAY I/O (Pin 12)
An external capacitor placed on this pin will delay the effect of
changes at the SENSE Input from affecting the outputs and the
condition of the Sequential Detector and Sequential Memory.
(See Figure 2)
LOCK OUTPUT (Pin 13)
This output turns on when the Sequential Memory is set and
SENSE input is high. See NOTE.
NOTE: Outputs are off when SENSE input is low.
LSI/CSI
LSI Computer Systems, Inc. 1235 Walt Whitman Road, Melville, NY 11747 (631) 271-0400 FAX (631) 271-0405
LS7220
UL
®
A3800


Similar Part No. - LS7220

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7222 LSI-LS7222 Datasheet
30Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
LS7222 LSI-LS7222_03 Datasheet
53Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
LS7223 LSI-LS7223 Datasheet
28Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
LS7223 LSI-LS7223_03 Datasheet
52Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
LS7225 LSI-LS7225 Datasheet
842Kb / 7P
DIGITAL LOCK CIRCUIT with Tamper Output
More results

Similar Description - LS7220

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS7222 LSI-LS7222 Datasheet
30Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
LS7223 LSI-LS7223 Datasheet
28Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
logo
ALPS ELECTRIC CO.,LTD.
BDAJ1 ALPS-BDAJ1 Datasheet
85Kb / 2P
Film Antenna for Terrestrial Digital Broadcasting for Automotive Use
logo
VTI technologies
SCA3060-D01 VTI-SCA3060-D01 Datasheet
242Kb / 4P
DIGITAL LOW POWER ACCELEROMETER FOR AUTOMOTIVE APPLICATIONS
logo
LSI Computer Systems
LS7222 LSI-LS7222_03 Datasheet
53Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
LS7223 LSI-LS7223_03 Datasheet
52Kb / 4P
KEYPAD PROGRAMMABLE DIGITAL LOCK
logo
Mallory performance clu...
PN4219 MALLORY-PN4219 Datasheet
738Kb / 8P
Programming Instructions for the SB6 Ignitions
logo
Seiko Instruments Inc
XV4001BC SII-XV4001BC Datasheet
960Kb / 2P
GYRO SENSOR (Digital Output) FOR AUTOMOTIVE
logo
TOKO, Inc
HEAW TOKO-HEAW_16 Datasheet
226Kb / 1P
Inductors for Automotive Digital Amplifier
logo
Hirose Electric
PL71 HIROSE-PL71_17 Datasheet
470Kb / 4P
Push-on Lock Coaxial Connectors for Digital Broadcasting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com