Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

158353030 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 158353030
Description  WL-SWTC SMD White Top View Ceramic LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

158353030 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  158353030 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 158353030 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 158353030 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 158353030 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 158353030 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 158353030 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 158353030 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 158353030 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany. 158353030 Datasheet HTML 9Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
1.5
1.4
1.3
1.2
1.1
1.0
REV
2015-06-24
2015-03-23
2014-12-01
2014-11-10
2014-07-18
2014-01-30
DATE
SSt
SSt
SSt
SSt
SSt
SSt
BY
ZAn
HOe
ZAn
ZAn
HOe
PLD
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WL-SWTC SMD White Top View Ceramic
LED
Order.- No.
158353030
SIZE
A4
Size: 3535
D Electrical & Optical Properties:
Properties
Chromaticity coordinate X according to CIE 1931
Chromaticity coordinate Y according to CIE 1931
Luminous Flux
Forward Voltage
Correlated Color Temperature
Color Rendering Index
Viewing Angle
Test conditions
350 mA
350 mA
350 mA
350 mA
350 mA
350 mA
350 mA
cx
cy
Φv
VF
CCT
CRI
2θ50%
Value
min.
80
typ.
0.4343
0.4030
95
3.2
3000
80
120
max.
3.6
Unit
lm
V
K
°
F1 Viewing Angle:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com