Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC446AMC Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC446AMC
Description  400MHz, 50mW Current-Feedback Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC446AMC Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button CLC446AMC Datasheet HTML 4Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 5Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 6Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 7Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 8Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 9Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 10Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 11Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
http://www.national.com
10
Figure 12 shows the ideal response of this filter. Some
methods to bring actual performance closer to this
ideal are:
s
Compensate for op amp delay effects
(pre-distortion)
s
Adjust for parasitic capacitances in the layout
s
Use components with small tolerances
s
Add trim capacitors
Figure 12: Ideal Elliptic Filter Frequency Response
References:
[1] Anatol I. Zverev,
Handbook of FILTER
SYNTHESIS, John Wiley & Sons, 1967,
p. 177
[2] Arthur B. Williams and Fred J. Taylor,
Electronic Filter Design Handbook,
McGraw Hill, 1995, pp. 3-29 to 3-31.
Frequency (Hz)
20
10
0
-40
1M
10M
100M
1G
-10
-30
-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com