Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC502 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC502
Description  Clamping, Low-Gain Op Amp with Fast 14-bit Settling
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC502 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC502 Datasheet HTML 1Page - National Semiconductor (TI) CLC502 Datasheet HTML 2Page - National Semiconductor (TI) CLC502 Datasheet HTML 3Page - National Semiconductor (TI) CLC502 Datasheet HTML 4Page - National Semiconductor (TI) CLC502 Datasheet HTML 5Page - National Semiconductor (TI) CLC502 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Typical Performance Characteristics (TA = 25°, Av = +2,VCC = ±5V, RL = 100ΩΩ,, Rf = 250ΩΩ,VH = +3V,VL = -3V )
Non-Inverting Frequency Response
1
10
100
-180
-450
-270
-360
-90
0
Vout = 0.5Vpp
Av = 2
Rf = 249Ω
Av = 1
Rf = 301Ω
Av = 8
Rf = 110Ω
Av = 4
Rf = 200Ω
Frequency (MHz)
Inverting Frequency Response
1
10
100
-360
-630
-450
-540
-270
-180
Vout = 0.5Vpp
Av = -2
Rf = 237Ω
Av = -1
Rf = 249Ω
Av = -8
Rf = 210Ω
Av = -4
Rf = 249Ω
Frequency (MHz)
3
http://www.national.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com