Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4672 Datasheet(PDF) 1 Page - Rohm

Part # 2SC4672
Description  Low Frequency Transistor (50V, 2A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4672 Datasheet(HTML) 1 Page - Rohm

  2SC4672 Datasheet HTML 1Page - Rohm 2SC4672 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SC4672
Transistors
Rev.A
1/2
Low Frequency Transistor (50V, 3A)
2SC4672
Features
1) Low saturation voltage, typically VCE (sat) =0.1V at IC/IB =1A /50mA.
2) Excellent DC current gain characteristics.
3) Complements the 2SA1797.
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
60
50
6
3
0.5
2
150
−55 to +150
Unit
V
V
V
A (DC)
6
A (Pulse)
∗1
∗2
W
°C
°C
∗1 Single pulse, Pw=10ms
∗2 40×40× 0.7mm Ceramic board
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
t
Packaging specifications and hFE
Type
2SC4672
MPT3
PQ
T100
1000
Package
hFE
Code
Basic ordering unit (pieces)
Marking
DK
∗
∗ Denotes hFE
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
2
fT
Cob
60
50
6
−
−
−
45
−
−
−
−
−
−
−
0.13
−
210
25
−
−
−
0.1
0.1
0.35
−
−
−
V
V
V
µA
µA
V
−
MHz
pF
IC
=50µA
IC
=1mA
IE
=50µA
VCB
=60V
VEB
=5V
IC/IB
=1A/50mA
VCE
=2V, IC=1.5A
VCE
=2V, IE=−0.5A, f=100MHz
VCB
=10V, IE=0A, f=1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
∗
∗
hFE
1
82
−
270
−
VCE
=2V, IC=0.5A
∗
∗Measured using pulse current.


Similar Part No. - 2SC4672

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
58Kb / 3P
Low Frequency Transistor (50V, 3A)
logo
Unisonic Technologies
2SC4672 UTC-2SC4672 Datasheet
75Kb / 2P
LOW FREQUENCY TRANSISTOR (50V,2A)
logo
Guangdong Kexin Industr...
2SC4672 KEXIN-2SC4672 Datasheet
51Kb / 1P
Low Frequency Transistor
logo
SeCoS Halbleitertechnol...
2SC4672 SECOS-2SC4672 Datasheet
265Kb / 2P
NPN Silicon Epitaxial Silicon Tra nsistor
logo
Weitron Technology
2SC4672 WEITRON-2SC4672 Datasheet
265Kb / 3P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - 2SC4672

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB514 SANYO-2SB514 Datasheet
85Kb / 3P
50V/2A Low-Frequency Power Amp Applications?
logo
Rohm
2SC4672 ROHM-2SC4672 Datasheet
58Kb / 3P
Low Frequency Transistor (50V, 3A)
2SD2661 ROHM-2SD2661 Datasheet
65Kb / 3P
Low frequency amplifier transistor(12V,2A)
2SB1443 ROHM-2SB1443 Datasheet
118Kb / 3P
Power Transistor (-50V, -2A)
logo
Unisonic Technologies
2SC4672 UTC-2SC4672 Datasheet
75Kb / 2P
LOW FREQUENCY TRANSISTOR (50V,2A)
logo
SeCoS Halbleitertechnol...
MMBT619 SECOS-MMBT619 Datasheet
63Kb / 2P
2A , 50V NPN Plastic Encapsulated Transistor
logo
Rohm
2SC4672T100Q ROHM-2SC4672T100Q Datasheet
74Kb / 3P
Low Frequency Transistor (50V, 3A)
2SC4672T100P ROHM-2SC4672T100P Datasheet
74Kb / 3P
Low Frequency Transistor (50V, 3A)
2SAR553PFRA ROHM-2SAR553PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-50V / -2A)
2SCR553PFRA ROHM-2SCR553PFRA Datasheet
1Mb / 8P
Middle Power Transistor (50V / 2A)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com