Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1321 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SK1321
Description  Drain Current ?밒D= 5A@ TC=25C
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1321 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK1321 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1321 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK1321
DESCRIPTION
·Drain Current
–I
D= 5A@ TC=25℃
·Drain Source Voltage-
: VDSS=450V(Min)
APPLICATIONS
·Designed for high voltage, high speed power switching.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
450
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-continuous@ TC=25℃
5
A
Ptot
Total Dissipation@TC=25℃
75
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.83
℃/W
Rth j-a
Thermal Resistance,Junction to Ambient
35
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2SK1321

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK1320 ISC-2SK1320 Datasheet
65Kb / 2P
Drain Current ?밒D= 8A@ TC=25C
2SK1322 ISC-2SK1322 Datasheet
65Kb / 2P
Drain Current ?밒D= 5A@ TC=25C
2SK1323 ISC-2SK1323 Datasheet
65Kb / 2P
Drain Current ?밒D= 2A@ TC=25C
2SK1324 ISC-2SK1324 Datasheet
65Kb / 2P
Drain Current ?밒D=2A@ TC=25C
2SK1327L ISC-2SK1327L Datasheet
308Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK1321

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK630 ISC-2SK630 Datasheet
64Kb / 2P
Drain Current ?밒D=5A@ TC=25C
2SK632 ISC-2SK632 Datasheet
64Kb / 2P
Drain Current ?밒D=5A@ TC=25C
2SK727 ISC-2SK727 Datasheet
57Kb / 2P
Drain Current ?밒D=5A@ TC=25C
2SK755 ISC-2SK755 Datasheet
67Kb / 2P
Drain Current ?밒D=5A@ TC=25C
2SK1322 ISC-2SK1322 Datasheet
65Kb / 2P
Drain Current ?밒D= 5A@ TC=25C
2SK1457 ISC-2SK1457 Datasheet
65Kb / 2P
Drain Current ?밒D=5A@ TC=25C
2SK1461 ISC-2SK1461 Datasheet
68Kb / 2P
Drain Current ?밒D=5A@ TC=25C
2SK1633 ISC-2SK1633 Datasheet
66Kb / 2P
Drain Current ?밒D= 5A@ TC=25C
2SK1700 ISC-2SK1700 Datasheet
63Kb / 2P
Drain Current ?밒D= 5A@ TC=25C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com