Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS22C040 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS22C040
Description  32 to 40 SEC INSTANT VOICE ROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS22C040 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS22C040 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS22C040 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS22C040 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS22C040 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS22C040 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS22C040 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS22C040 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS22C040 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS22C040 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
ISSI®
IS22C040
Integrated Silicon Solution, Inc.
5
VP009-1C
10/01/98
DC CHARACTERISTICS
Symbol
Parameter Description
Condition
Min.
Typ.
Max.
Unit
VCC
Operating Voltage
3.0
4.5
6.0
V
ISB
Standby Current
VCC = 3.0V, I/O Open
—
1
5
µA
IOP
Operating Current
Vcc = 3.0V, I/O Open
—
—
100
µA
VIH
Input HIGH Voltage
Vcc = 3.0V
2.5
3.0
3.5
V
VIL
Input LOW Voltage
Vcc = 3.0V
–0.3
0
0.3
V
IOH
VOUT LOW O/P Current
Vcc = 3.0V, VOUT = 0V
—
–12
—
mA
IOL
VOUT HIGH O/P Current
Vcc = 3.0V, VOUT = 3.0V
—
12
—
mA
ICO
COUT O/P Current
Vcc = 3.0V, VCOUT = 0.7V
—
–2
—
mA
ISTPH
STP LOW O/P Current
Vcc = 3.0V, VSTP = 0V
—
–5
—
mA
TSTPL
STP HIGH O/P Current
Vcc = 3.0V, VSTP = 3.0V
—
5
—
mA
ILED
Output Current LED
Vcc = 3.0V – 6.0V
6
8
10
mA
∆F/F
Frequency Stability
FOSC(3V) – FOSC(3.5V)
—
—
5
%
FOSC (3V)
BONDING PARAMETERS
Pin
Name
X
Y
1
S8
3451.9
1599.7
2
LED1
3451.9
1861.0
3VOUT1
3451.9
2147.6
4VOUT2
3451.9
2444.5
5
GND
3368.10
2803.35
6
STP
137.18
2795.93
7
LED2
100.4
2486.3
8COUT
100.4
2245.0
9
OSC
100.4
1790.0
10
S5
100.4
1469.5
11
S6
100.4
1230.0
12
VPP
100.4
989.6
13
S1
100.4
662.3
14
S2
100.4
422.7
15
VCC
187.05
113.78
16
S3
3372.5
141.8
17
S4
3451.9
581.5
18
SBT
3451.9
836.0
19
IRP
3451.9
1090.6
20
S7
3451.94
1345.13
BONDING DIAGRAM
(0,0)
X
Y
Note: Substrate must be connected to GND
Pad size = 100
µm x 100 µm
5
4
3
2
1
20
19
18
17
16
6
7
8
9
10
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com