Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS48 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74LS48
Description  BCD to 7-Segment Decoder
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LS48 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74LS48 Datasheet HTML 1Page - National Semiconductor (TI) 74LS48 Datasheet HTML 2Page - National Semiconductor (TI) 74LS48 Datasheet HTML 3Page - National Semiconductor (TI) 74LS48 Datasheet HTML 4Page - National Semiconductor (TI) 74LS48 Datasheet HTML 5Page - National Semiconductor (TI) 74LS48 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note)
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
DM74LS
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM74LS48
Units
Min
Nom
Max
VCC
Supply Voltage
475
5
525
V
VIH
High Level Input Voltage
2
V
VIL
Low Level Input Voltage
08
V
IOH
High Level Output Current
b
50
m
A
IOL
Low Level Output Current
60
mA
TA
Free Air Operating Temperature
0
70
C
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level Output
VCC Min IOH e Max
24
V
Voltage
VIL e Max
IOFF
Output High Current
VCC e Min VO e 085V
b
13
mA
Segment Outputs
VOL
Low Level Output
VCC e Min IOL e Max
05
Voltage
VIH e Min
V
IOL e 20 mA VCC e Min
04
II
Input Current
Max
VCC e Max VI e 7V
01
mA
Input Voltage
IIH
High Level Input Current
VCC e Max VI e 27V
20
m
A
IIL
Low Level Input Current
VCC e Max VI e 04V
b
04
mA
IOS
Short Circuit
VCC e Max VO e 0V
b
03
b
2mA
Output Current
at BIRBO (Note 2)
ICCH
Supply Current
VCC e Max VIN e 45V
38
mA
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
Switching Characteristics at VCC e 5V and TA e 25 C
Symbol
Parameter
CL e 15 pF
Units
Min
Max
tPLH
Propagation Delay Time
100
ns
tPHL
An to a–g
100
tPLH
Propagation Delay Time
100
ns
tPHL
RBI to a – f
100
Note
LT e HIGH A0–A3 e HIGH
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com