Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CBC3105-R4C Datasheet(PDF) 1 Page - Cymbet Corporation

Part # CBC3105-R4C
Description  Capacitance to EnerChip Battery Charge Conversion Guide
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYMBET [Cymbet Corporation]
Direct Link  http://www.cymbet.com
Logo CYMBET - Cymbet Corporation

CBC3105-R4C Datasheet(HTML) 1 Page - Cymbet Corporation

  CBC3105-R4C Datasheet HTML 1Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 2Page - Cymbet Corporation CBC3105-R4C Datasheet HTML 3Page - Cymbet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2013 Cymbet Corporation • Tel: +1-763-633-1780 • www.cymbet.com
Doc AN-72-1057 Rev B
Page 1 of 3
AN-1057
Application Note
Capacitance to EnerChip Battery Charge Conversion Guide
Introduction
EnerChips are solid state rechargeable batteries that have a high charge-discharge cycle life, very low self-
discharge, and are constructed with solid state materials, making them durable, non-toxic, and safe to use in
a range of environments. EnerChip CC products include an EnerChip battery management circuit co-packaged
in low profile solder reflowable, surface mount QFN and DFN-style packages. EnerChips are often used as a
real-time clock (RTC) and memory backup power source. Supercapacitors are also used in these applications,
although there are significant differences in the operating characteristics of these two categories of energy
storage devices. An important distinction to understand when comparing effective charge storage capacity is
that the EnerChip delivers charge at a relatively fixed voltage, while supercapacitors deliver charge at an ever-
declining voltage, the voltage-charge slope being a function of discharge current.
A frequently asked question is: “If I’m using a supercapacitor as a backup power source for an RTC and want
to replace it with a solid state battery, what battery capacity is equivalent to the supercapacitor rating?”
In answering the question, one must recognize the differences in discharge profiles between EnerChips and
supercapacitors. In relative terms, the percentage of supercapacitor storage capacity available to the load is
linearly dependent on the minimum voltage at which the load device (e.g., RTC) will continue to operate. In
contrast, the EnerChip CC output voltage is nearly constant over the entire discharge, as depicted in Figure
1. EnerChip CC products have a self-contained battery management circuit that controls battery charging and
delivers >95% of the stored energy at a relatively steady output voltage of 3.3V before going into cutoff.
Figure 1: Relative Charge Capacity Delivered to a Load - Green Line Represents the EnerChip CC; Blue Line
Represents a Supercapacitor.
Figure 1 Notes:
1) Capacitor charge voltage = 3.3V. 2) Constant current discharge. 3) Assumes negligible self-discharge of capacitor and EnerChip
4) EnerChip CC voltage derived from 3.8V terminal voltage, less 0.5V diode drop to Vout.
Preliminary


Similar Part No. - CBC3105-R4C

ManufacturerPart #DatasheetDescription
logo
Cymbet Corporation
CBC3105-R4C CYMBET-CBC3105-R4C Datasheet
1Mb / 12P
EnerChip CC with Integrated Power Management
CBC3105-R4C CYMBET-CBC3105-R4C Datasheet
1Mb / 12P
EnerChip CC with Integrated Power Management
CBC3105-R4C-TR1 CYMBET-CBC3105-R4C-TR1 Datasheet
1Mb / 12P
EnerChip CC with Integrated Power Management
CBC3105-R4C-TR1 CYMBET-CBC3105-R4C-TR1 Datasheet
1Mb / 12P
EnerChip CC with Integrated Power Management
CBC3105-R4C-TR5 CYMBET-CBC3105-R4C-TR5 Datasheet
1Mb / 12P
EnerChip CC with Integrated Power Management
More results

Similar Description - CBC3105-R4C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3S01LED STMICROELECTRONICS-ST3S01LED Datasheet
603Kb / 17P
BATTERY CHARGE I.C.
Mar-2003
logo
Semtech Corporation
SC1766 SEMTECH-SC1766 Datasheet
259Kb / 11P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781 AIC-AIC1781 Datasheet
423Kb / 17P
Battery Charge Controller
AIC1783 AIC-AIC1783 Datasheet
159Kb / 11P
Battery Charge Controller
logo
Analog Devices
AIC1761 AD-AIC1761 Datasheet
245Kb / 15P
BATTERY CHARGE CONTROLLER
logo
Analog Intergrations Co...
AIC1781A AIC-AIC1781A Datasheet
393Kb / 18P
Battery Charge Controller
logo
STMicroelectronics
ST3S01PHD STMICROELECTRONICS-ST3S01PHD Datasheet
611Kb / 17P
BATTERY CHARGE I.C.
Sep-2003
logo
Analog Intergrations Co...
AIC1784 AIC-AIC1784 Datasheet
547Kb / 16P
Battery Charge Controller
logo
Silicon Standard Corp.
SS6781B SSC-SS6781B Datasheet
584Kb / 20P
Battery Charge Controller
logo
List of Unclassifed Man...
8602GN ETC2-8602GN Datasheet
105Kb / 2P
Battery Charge Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com