Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM4417 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # STM4417
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

STM4417 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  STM4417 Datasheet HTML 1Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 2Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 3Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 4Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 5Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 6Page - M.S. Kennedy Corporation STM4417 Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
-40
V
-1
IGSS
±100
nA
VGS(th)
-1
V
gFS
22
S
CISS
2900
pF
COSS
345
pF
CRSS
285
pF
Qg
43
nC
59
nC
Qgs
177
nC
Qgd
66
tD(ON)
62
ns
tr
6
ns
tD(OFF)
16.5
ns
tf
ns
Gate-Drain Charge
VDS=-20V,VGS=0V
SWITCHING CHARACTERISTICS
Gate-Source Charge
VDD=-20V
ID=-1A
VGS=-10V
RGEN=6 ohm
Total Gate Charge
Rise Time
Turn-Off Delay Time
VDS=-20V,ID=-5A,VGS=-10V
Fall Time
Turn-On Delay Time
m ohm
VGS=-10V , ID=-5A
VDS=-10V , ID=-5A
Input Capacitance
Output Capacitance
DYNAMIC CHARACTERISTICS
RDS(ON)
Drain-Source On-State Resistance
Forward Transconductance
IDSS
uA
Gate Threshold Voltage
VDS=VGS , ID=-250uA
VDS= -32V , VGS=0V
VGS= ±20V , VDS=0V
Zero Gate Voltage Drain Current
Gate-Body Leakage Current
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Conditions
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
Reverse Transfer Capacitance
ON CHARACTERISTICS
VGS=-4.5V , ID=-4.3A
14
19
m ohm
f=1.0MHz
c
VDS=-20V,ID=-5A,
VGS=-10V
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Ver 1.0
www.samhop.com.tw
Apr,24,2013
2
nC
VDS=-20V,ID=-5A,VGS=-4.5V
30
c
11
14
-1.9
-3
STM4417
VSD
Diode Forward Voltage
VGS=0V,IS=-1A
-0.78
-1.2
V
_
_
_
Notes
a.Surface Mounted on FR4 Board,t < 10sec.
b.Pulse Test:Pulse Width < 300us, Duty Cycle < 2%.
c.Guaranteed by design, not subject to production testing.
d.Starting TJ=25°C,L=0.5mH,VDD = 20V.(See Figure13)
e.Drain current limited by maximum junction temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com