Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUX348 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BUX348
Description  FAST-SWITCHING POWER TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUX348 Datasheet(HTML) 1 Page - STMicroelectronics

  BUX348 Datasheet HTML 1Page - STMicroelectronics BUX348 Datasheet HTML 2Page - STMicroelectronics BUX348 Datasheet HTML 3Page - STMicroelectronics BUX348 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUX348
FAST-SWITCHING POWER TRANSISTOR
s
STMicroelectronics PREFERRED
SALESTYPE
s
NPN TRANSISTOR
s
HIGH VOLTAGE
s
FAST SWITCHING
s
OFF-LINE APPLICATIONS TO 380V
APPLICATIONS
s
SWITCH MODE POWER SUPPLIES
s
UNINTERRUPTABLE POWER SUPPLY
s
DC AND AC MOTOR CONTROL
®
INTERNAL SCHEMATIC DIAGRAM
March 2003
1
2
TO-3
(version "S")
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCEV
Collector-Emitter Voltage (VBE = -1.5 V)
850
V
VCEO
Collector-Emitter Voltage (IB = 0)
450
V
VEBO
Emitter-Base Voltage (IC = 0)
7
V
IC
Collector Current
45
A
ICM
Collector Peak Current
60
A
IB
Base Current
9
A
IBM
Base Peak Current (tp < 5 ms)
15
A
Ptot
Total Power Dissipation at Tcase
≤ 25 oC
300
W
Tstg
Storage Temperature
-65 to 200
oC
Tj
Junction Temperature
200
oC
1/4


Similar Part No. - BUX348

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUX348 ISC-BUX348 Datasheet
188Kb / 2P
isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
BUX348 NJSEMI-BUX348 Datasheet
132Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - BUX348

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUF420 STMICROELECTRONICS-BUF420 Datasheet
80Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jul-1997
BUT92 STMICROELECTRONICS-BUT92 Datasheet
65Kb / 4P
FAST-SWITCHING POWER TRANSISTOR
Jun-1997
logo
Seme LAB
BUV52A SEME-LAB-BUV52A Datasheet
21Kb / 2P
FAST SWITCHING POWER TRANSISTOR
logo
STMicroelectronics
BUT92 STMICROELECTRONICS-BUT92_03 Datasheet
46Kb / 4P
FAST-SWITCHING POWER TRANSISTOR
Feb-2003
logo
Seme LAB
BUL98B SEME-LAB-BUL98B Datasheet
25Kb / 2P
HIGH VOLTAGE FAST SWITCHING POWER TRANSISTOR
BUV62A SEME-LAB-BUV62A Datasheet
203Kb / 3P
FAST SWITCHING NPN POWER TRANSISTOR
BUV62 SEME-LAB-BUV62_09 Datasheet
214Kb / 4P
FAST SWITCHING NPN POWER TRANSISTOR
logo
Comset Semiconductor
BUX48A COMSET-BUX48A Datasheet
81Kb / 3P
HIGH VOLTAGE FAST-SWITCHING POWER TRANSISTOR
BUX48C COMSET-BUX48C Datasheet
78Kb / 3P
HIGH VOLTAGE FAST-SWITCHING POWER TRANSISTOR
logo
New Jersey Semi-Conduct...
BUV52 NJSEMI-BUV52 Datasheet
195Kb / 3P
FAST SWITCHING POWER TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com